Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY12N06T Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTY12N06T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY12N06T Datasheet(HTML) 3 Page - IXYS Corporation

  IXTY12N06T Datasheet HTML 1Page - IXYS Corporation IXTY12N06T Datasheet HTML 2Page - IXYS Corporation IXTY12N06T Datasheet HTML 3Page - IXYS Corporation IXTY12N06T Datasheet HTML 4Page - IXYS Corporation IXTY12N06T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2008 IXYS CORPORATION All rights reserved
IXTU12N06T
IXTY12N06T
Fig. 1. Output Characteristics
@ 25ºC
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VDS - Volts
VGS = 10V
9V
8V
7V
5V
6V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
14
16
18
VDS - Volts
VGS = 10V
5V
7V
6V
8V
9V
Fig. 3. Output Characteristics
@ 150ºC
0
1
2
3
4
5
6
7
8
9
10
11
12
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDS - Volts
VGS = 10V
9V
8V
6V
5V
7V
Fig. 4. RDS(on) Normalized to ID = 6A Value
vs. Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS = 10V
I D = 12A
I D = 6A
Fig. 5. RDS(on) Normalized to ID = 6A Value
vs. Drain Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
ID - Amperes
VGS = 10V
15V - - - -
TJ = 175ºC
TJ = 25ºC
Fig. 6. Drain Current vs. Case Temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com