Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY12N06T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTY12N06T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY12N06T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTY12N06T Datasheet HTML 1Page - IXYS Corporation IXTY12N06T Datasheet HTML 2Page - IXYS Corporation IXTY12N06T Datasheet HTML 3Page - IXYS Corporation IXTY12N06T Datasheet HTML 4Page - IXYS Corporation IXTY12N06T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2008 IXYS CORPORATION All rights reserved
IXYS REF: T_12N06T(U1) 4-03-08-A
IXTU12N06T
IXTY12N06T
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
12
14
16
18
20
22
24
26
28
30
32
34
678
9
10
11
12
ID - Amperes
RG = 50Ω
VGS = 10V
VDS = 30V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
10
12
14
16
18
20
22
24
26
28
30
32
50
60
70
80
90
100
110
120
RG - Ohms
10
11
12
13
14
15
16
17
18
19
20
21
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 30V
I D = 6A, 12A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
17
18
19
20
21
22
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
16
18
20
22
24
26
28
30
32
34
36
t f
t d(off) - - - -
RG = 50Ω, VGS = 10V
VDS = 30V
I D = 12A
I D = 6A
I D = 6A
I D = 12A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
17
18
19
20
21
6
7
8
9
10
11
12
ID - Amperes
16
18
20
22
24
26
28
30
32
t f
td(off) - - - -
RG = 50Ω, VGS = 10V
VDS = 30V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
12
14
16
18
20
22
24
26
28
30
32
34
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 50Ω
VGS = 10V
VDS = 30V
I D = 12A
I D = 6A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
10
15
20
25
30
35
40
45
50
60
70
80
90
100
110
120
RG - Ohms
16
20
24
28
32
36
40
44
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 30V
I D = 12A
I D = 6A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com