Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CL596MTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP08CL596MTR
Description  LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CL596MTR Datasheet(HTML) 3 Page - STMicroelectronics

  STP08CL596MTR Datasheet HTML 1Page - STMicroelectronics STP08CL596MTR Datasheet HTML 2Page - STMicroelectronics STP08CL596MTR Datasheet HTML 3Page - STMicroelectronics STP08CL596MTR Datasheet HTML 4Page - STMicroelectronics STP08CL596MTR Datasheet HTML 5Page - STMicroelectronics STP08CL596MTR Datasheet HTML 6Page - STMicroelectronics STP08CL596MTR Datasheet HTML 7Page - STMicroelectronics STP08CL596MTR Datasheet HTML 8Page - STMicroelectronics STP08CL596MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP08CL596
3/16
Table 5: Thermal Data
Table 6: Recommended Operating Conditions
Table 7: Electrical Characteristics (VDD=3V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
DIP-16
SO-16
TSSOP16
Unit
Rthj-amb
Thermal Resistance Junction-ambient
90
125
140
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
15
120
mA
IOH
Output Current
SERIAL-OUT
+1
mA
IOL
Output Current
SERIAL-OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
/LE Pulse Width
VDD = 3.0 to 3.6V
20
ns
twCLK
CLK Pulse Width
20
ns
twEN
/OE Pulse Width
400
ns
tSETUP(D) Setup Time for DATA
20
ns
tHOLD(D)
Hold Time for DATA
15
ns
tSETUP(L) Setup Time for LATCH
15
ns
fCLK
Clock Frequency
Cascade Operation
25
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial-OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial-OUT) IOH = -1mA
VDD-0.4V
V
IOL1
Output Current
VO = 0.7V REXT = 910 Ω
20.0
20.1
20.3
mA
IOL2
VO = 0.7V REXT = 360 Ω
49.7
50.2
50.7
mA
∆IOL1
Output Current Error
between bit (All Output ON)
VO = 0.7V REXT = 910 Ω
± 3
%
∆IOL2
VO = 0.7V REXT = 360 Ω
± 3
%
RSIN(up)
Pull-up Resistor
150
300
600
K
Ω
RSIN(down) Pull-down Resistor
100
200
400
K
Ω
IDD(OFF1) Supply Current (OFF)
REXT = OPEN
OUT 0 to 7 = OFF
0.3
0.6
mA
IDD(OFF2)
REXT = 470 Ω
OUT 0 to 7 = OFF
5.5
7.7
IDD(OFF3)
REXT = 250 Ω
OUT 0 to 7 = OFF
10.1
14.1
IDD(ON1)
Supply Current (ON)
REXT = 470 Ω
OUT 0 to 7 = ON
5.5
7.7
IDD(ON2)
REXT = 250 Ω
OUT 0 to 7 = ON
10.1
14.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com