Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP08CL596MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP08CL596MTR
Description  LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CL596MTR Datasheet(HTML) 4 Page - STMicroelectronics

  STP08CL596MTR Datasheet HTML 1Page - STMicroelectronics STP08CL596MTR Datasheet HTML 2Page - STMicroelectronics STP08CL596MTR Datasheet HTML 3Page - STMicroelectronics STP08CL596MTR Datasheet HTML 4Page - STMicroelectronics STP08CL596MTR Datasheet HTML 5Page - STMicroelectronics STP08CL596MTR Datasheet HTML 6Page - STMicroelectronics STP08CL596MTR Datasheet HTML 7Page - STMicroelectronics STP08CL596MTR Datasheet HTML 8Page - STMicroelectronics STP08CL596MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
STP08CL596
4/16
Table 8: Switching Characteristics (VDD=3V, T = 25°C, unless otherwise specified.)
EQUIVALENT CIRCUIT OF INPUTS AND OUTPUTS
Figure 2: /OE Terminal
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH1
Propagation Delay Time,
CLK-OUTn, /LE = H, /OE = L
VDD = 3 V
VIH = VDD
VIL = GND
CL = 13pF
IO = 40mA
VL = 3 V
REXT = 470 Ω
RL = 65 Ω
250
280
ns
tPLH2
Propagation Delay Time,
/LE-OUTn, /OE = L
220
250
ns
tPLH3
Propagation Delay Time,
/OE-OUTn, /LE = H
200
250
ns
tPLH
Propagation Delay Time,
CLK-SDO
25
50
ns
tPHL1
Propagation Delay Time,
CLK-OUTn, /LE = H, /OE = L
25
50
ns
tPHL2
Propagation Delay Time,
/LE-OUTn, /OE = L
25
50
ns
tPHL3
Propagation Delay Time,
/OE-OUTn, /LE = H
50
70
ns
tPHL
Propagation Delay Time,
CLK-SDO
25
50
ns
tr
Output Rise Time
200
250
ns
tf
Output Fall Time
17
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com