Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052B Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB5052B Datasheet HTML 35Page - Texas Instruments TUSB5052B Datasheet HTML 36Page - Texas Instruments TUSB5052B Datasheet HTML 37Page - Texas Instruments TUSB5052B Datasheet HTML 38Page - Texas Instruments TUSB5052B Datasheet HTML 39Page - Texas Instruments TUSB5052B Datasheet HTML 40Page - Texas Instruments TUSB5052B Datasheet HTML 41Page - Texas Instruments TUSB5052B Datasheet HTML 42Page - Texas Instruments TUSB5052B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
5–7
5.12 HUBVIDL: HUB-VID Register (Low-Byte)
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7
D[7:0]
0
Hub VID low-byte value
5.13 HUBVIDH: HUB-VID Register (High-Byte)
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7
D[7:0]
0
Hub VID high-byte value
5.14 Function Reset and Power-Up Reset Interconnect
Figure 5–3 represents the logical connection of the USB-function-reset (USBR) and power-up-reset (RSTI) pins. The
internal RESET signal is generated from the RSTI pin (PURS signal) or from the USB-reset (USBR signal). The USBR
can be enabled or disabled by the FRSTE bit in the USBCTL register (on power-up, FRSTE = 0). The internal RESET
is used to reset all registers and logic, with the exception of the USBCTL and GLOBCTL registers which are cleared
by the PURS signal, only. As shown, the RESET/RESET is connected to the MUX, which controls the RSTO output
polarity (the MUX is controlled by the GLOBCTL register). In the development mode, the RSTO signal is used to reset
the external microcontroller or other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com