Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052B Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 3 Page - Texas Instruments

  TUSB5052B Datasheet HTML 1Page - Texas Instruments TUSB5052B Datasheet HTML 2Page - Texas Instruments TUSB5052B Datasheet HTML 3Page - Texas Instruments TUSB5052B Datasheet HTML 4Page - Texas Instruments TUSB5052B Datasheet HTML 5Page - Texas Instruments TUSB5052B Datasheet HTML 6Page - Texas Instruments TUSB5052B Datasheet HTML 7Page - Texas Instruments TUSB5052B Datasheet HTML 8Page - Texas Instruments TUSB5052B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
iii
Contents
Section
Title
Page
1
Controller Description
1–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
Main Features
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.1
General Features
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.2
Enhanced UART Features
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.3
IEEE-1284 Port
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
Device Parameter Information
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Hub-Ports LED Status Definition
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Connecting an External Microcontroller for Development
3–5
. . . . . . . . .
4
MCU Memory Map (Internal Operation)
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Miscellaneous Registers
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1.1
ROMs: ROM Shadow Configuration Register
4–2
. . . . . . . . . . .
4.1.2
Boot Operation (MCU Firmware Loading)
4–2
. . . . . . . . . . . . . .
4.1.3
GLOBCTL: Global Control Register
4–3
. . . . . . . . . . . . . . . . . . .
4.2
Buffers + I/O RAM Map
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3
Endpoint Descriptor Block (EDB-1 to EDB-7)
4–6
. . . . . . . . . . . . . . . . . . . .
4.3.1
OEPCNF_n: Output Endpoint Configuration
4–7
. . . . . . . . . . . .
4.3.2
OEPBBAX_n: Output Endpoint X-Buffer Base-Address
4–7
. .
4.3.3
OEPBCTX_n: Output Endpoint X-Byte Count
4–8
. . . . . . . . . . .
4.3.4
OEPBBAY_n: Output Endpoint Y-Buffer Base-Address
4–8
. .
4.3.5
OEPBCTY_n: Output Endpoint Y-Byte Count
4–8
. . . . . . . . . . .
4.3.6
OEPSIZXY_n: Output Endpoint X/Y-Buffer Size
4–9
. . . . . . . . .
4.3.7
IEPCNF_n: Input Endpoint Configuration
4–9
. . . . . . . . . . . . . .
4.3.8
IEPBBAX_n Input Endpoint X-Buffer Base-Address
4–9
. . . . .
4.3.9
IEPBCTX_n: Input Endpoint X-Byte Count
4–10
. . . . . . . . . . . . .
4.3.10
IEPBBAY_n: Input Endpoint Y-Buffer Base-Address
4–10
. . . . .
4.3.11
IEPBCTY_n: Input Endpoint Y-Byte Count
4–10
. . . . . . . . . . . . .
4.3.12
IEPSIZXY_n: Input Endpoint X/Y-Buffer Size
4–11
. . . . . . . . . . .
4.4
Endpoint-0 Descriptor Registers
4–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.1
IEPCNFG_0: Input Endpoint-0 Configuration Register
4–11
. . .
4.4.2
IEPBCNT_0: Input Endpoint-0 Byte Count Register
4–12
. . . . .
4.4.3
OEPCNFG_0: Output Endpoint-0 Configuration
Register
4–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.4
OEPBCNT_0: Output Endpoint X-Byte Count Register
4–13
. . .
5
USB Registers
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
FUNADR: Function Address Register
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
USBSTA: USB Status Register
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
OEPCNFG_0: Output Endpoint-0 Configuration Register
5–2
. . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com