Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSQ4C8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVFSQ4C8
Description  4-Pin Red-Orange LED Lamp (7.6 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSQ4C8 Datasheet(HTML) 2 Page - TT Electronics.

  OVFSQ4C8 Datasheet HTML 1Page - TT Electronics. OVFSQ4C8 Datasheet HTML 2Page - TT Electronics. OVFSQ4C8 Datasheet HTML 3Page - TT Electronics. OVFSQ4C8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 2 of 4
4-Pin Red-Orange LED Lamp
OVFSQ4C8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Lead Soldering Temperature (3 mm from the base of the epoxy bulb)1
260°C
Reverse Voltage
5 V
Continuous Forward Current2
70 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
200 mA
Power Dissipation
220 mW
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
Heat sink is adequate if the device is operated at ambient temperature higher than 25°C. For long term performance the drive currents
between 10 mA and 50 mA are recommended. Please contact an Optek sales representative for more information on recommended drive
conditions.
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
lumen
Luminous Flux
3000
4500
----
mlm
IF = 70 mA
VF
Forward Voltage
----
2.6
3.2
V
IF = 70 mA
IR
Reverse Current
----
----
100
µA
VR = 5 V
D
Dominant Wavelength
612
618
628
nm
IF = 70 mA
2 ½
50% Power Angle
----
40
----
deg
IF = 70 mA
Standard Bins (IF = 70 mA)
Lamps are sorted to luminous flux ( V), forward voltage (VF), and dominant wavelength ( D) bins shown.
Orders for OVFSQ4C8 may be filled with any or all bins contained as below.
Rank
V4
V5
V6
V7
V8
Voltage (V)
2.2–2.4
2.4–2.6
2.6–2.8
2.8–3.0
3.0–3.2
Forward Voltage (VF)
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
5000-7300
M
4000-6100
L
3500-4800
K
3000-4200
J
Luminous flux is at
J bin or above.
612
Dominant Wavelength (nm)
628



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com