Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSQ4C8 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVFSQ4C8
Description  4-Pin Red-Orange LED Lamp (7.6 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVFSQ4C8 Datasheet(HTML) 3 Page - TT Electronics.

  OVFSQ4C8 Datasheet HTML 1Page - TT Electronics. OVFSQ4C8 Datasheet HTML 2Page - TT Electronics. OVFSQ4C8 Datasheet HTML 3Page - TT Electronics. OVFSQ4C8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 3 of 4
4-Pin Red-Orange LED Lamp
OVFSQ4C8
Typical Electro-Optical Characteristics Curves
Relative Luminous Flux vs Wavelength
nm
Half Power WL = 23 nm
Far Field Pattern
50% Power Angle: 40°
Forward Current vs Forward Voltage
V
mA
Relative Luminous Flux vs Forward Current
mA
%
Maximum Forward DC Current vs Ambient
Temperature
°C
mA
V
Reverse Current vs Reverse Voltage
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com