Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLAW4CB7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLAW4CB7
Description  White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLAW4CB7 Datasheet(HTML) 2 Page - TT Electronics.

  OVLAW4CB7 Datasheet HTML 1Page - TT Electronics. OVLAW4CB7 Datasheet HTML 2Page - TT Electronics. OVLAW4CB7 Datasheet HTML 3Page - TT Electronics. OVLAW4CB7 Datasheet HTML 4Page - TT Electronics. OVLAW4CB7 Datasheet HTML 5Page - TT Electronics. OVLAW4CB7 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleVLED@optekinc.com www.optekinc.com
Issue B 06/2012
Page 2 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (T
A = 25
o C unless otherwise noted)
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Reverse Voltage
5 V
Power Dissipation
100 mW
Average Forward Current
25 mA
Peak Forward Current (Duty Ratio = 1/10, Pulse Width =0.1ms)
100 mA
Current Linearity vs Ambient Temperature
-0.29 mA/°C
LED Junction Temperature
125°C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Lead Soldering Temperature (5 seconds maximum)
260°C
Electrical and Optical Characteristics (T
A = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
4,360
6,200
----
mcd
IF = 20 mA
VF
Forward Voltage
----
3.2
4.0
V
IF = 20 mA
Chromaticity Coordinates
x
----
0.31
----
----
IF = 20 mA
y
----
0.32
----
----
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
2Θ½
50% Power Angle
----
40
----
deg
IF = 20 mA
White High-Intensity LED Lamp
OVLAW4CB7
IV
Luminous Intensity
Bin
Min (mcd)
Max (mcd)
0W
4,360
6,105
0X
6,105
8,550
0Y
8,550
11,970
VF
Forward Voltage
Bin
Min
Max
A
2.6
2.8
B
2.8
3.0
C
3.0
3.2
D
3.2
3.4
E
3.4
3.6
F
3.6
3.8
G
3.8
4.0
Standard Bins
LEDs are sorted to the Luminous Intensity (IV) Forward Voltage (VF) and CCT bins listed below. Each bag consists of a
single IV bin, a single VF bin and a single CCT bin. Orders are filled utilizing all of the IV, VF and CCT bins listed in the
following tables. Optek will not accept orders for single IV, VF or CCT bins.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com