Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLAW4CB7 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVLAW4CB7
Description  White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLAW4CB7 Datasheet(HTML) 3 Page - TT Electronics.

  OVLAW4CB7 Datasheet HTML 1Page - TT Electronics. OVLAW4CB7 Datasheet HTML 2Page - TT Electronics. OVLAW4CB7 Datasheet HTML 3Page - TT Electronics. OVLAW4CB7 Datasheet HTML 4Page - TT Electronics. OVLAW4CB7 Datasheet HTML 5Page - TT Electronics. OVLAW4CB7 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue B 06/2012
Page 3 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
White High-Intensity LED Lamp
OVLAW4CB7
Chromaticity Coordinates (x, y)
Rank
5A
5B
5C
Cx
Bin 9
0.300
0.290
0.290
0.300
0.300
0.290
0.290
0.300
0.300
0.290
0.290
0.300
Cy
0.254
0.239
0.225
0.240
0.268
0.253
0.239
0.254
0.283
0.268
0.253
0.268
Rank
5D
5E
5F
Cx
Bin 10
0.300
0.290
0.290
0.300
0.300
0.290
0.290
0.300
0.300
0.290
0.290
0.300
Cy
0.297
0.282
0.268
0.283
0.311
0.296
0.282
0.297
0.325
0.310
0.296
0.311
Rank
6A
6B
6C
Cx
Bin 11
0.310
0.300
0.300
0.310
0.310
0.300
0.300
0.310
0.310
0.300
0.300
0.310
Cy
0.269
0.254
0.240
0.255
0.283
0.268
0.254
0.269
0.298
0.283
0.268
0.283
Rank
6D
6E
6F
Cx
Bin 12
0.310
0.300
0.300
0.310
0.310
0.300
0.300
0.310
0.310
0.300
0.300
0.310
Cy
0.312
0.297
0.283
0.298
0.326
0.311
0.297
0.312
0.340
0.325
0.311
0.326
Rank
7A
7B
7C
Cx
Bin 13
0.310
0.320
0.320
0.310
0.310
0.320
0.320
0.310
0.310
0.320
0.320
0.310
Cy
0.269
0.284
0.270
0.255
0.283
0.298
0.284
0.269
0.298
0.313
0.298
0.283
Rank
7D
7E
7F
Cx
Bin 14
0.310
0.320
0.320
0.310
0.310
0.320
0.320
0.310
0.310
0.320
0.320
0.310
Cy
0.312
0.327
0.313
0.298
0.326
0.341
0.327
0.312
0.340
0.355
0.341
0.326
Standard Bins
LEDs are sorted to the Luminous Intensity (IV) Forward Voltage (VF) and CCT bins listed below. Each bag consists of a
single IV bin, a single VF bin and a single CCT bin. Orders are filled utilizing all of the IV, VF and CCT bins listed in the
following tables. Optek will not accept orders for single IV, VF or CCT bins.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com