Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9119BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9119BBCZ
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9119BBCZ Datasheet HTML 58Page - Analog Devices AD9119BBCZ Datasheet HTML 59Page - Analog Devices AD9119BBCZ Datasheet HTML 60Page - Analog Devices AD9119BBCZ Datasheet HTML 61Page - Analog Devices AD9119BBCZ Datasheet HTML 62Page - Analog Devices AD9119BBCZ Datasheet HTML 63Page - Analog Devices AD9119BBCZ Datasheet HTML 64Page - Analog Devices AD9119BBCZ Datasheet HTML 65Page - Analog Devices AD9119BBCZ Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 63 of 66
Sample Error Detection (SED) Control Register
Address: 0x50, Reset: 0x00, Name: SED Control
Table 48. Bit Descriptions for SED Control
Bits
Bit Name
Description
Reset
Access
7
SED enable
1: setting this bit to 1 enables the SED compare logic
0
R/W
6
SED error clear
1: clears all SED reported error bits below
0
R/W
5
AED enable
1: enables the AED function (SED with autoclear after eight passing sets)
0
R/W
4
Reserved
Must be set to 0; reserved
0
R
3
Reserved
Must be set to 0; reserved
0
R
2
AED pass
1: signals eight true compare cycles
0
R/W
1
AED fail
1: signals a miscompare
0
R
0
SED fail
1: signals an SED miscompare (with SED or AED enabled)
0
R
Sample Error Detection (SED) Data Port 0 Rising Edge Status Low Register
Address: 0x51, Reset: 0x00, Name: SED Patt/Err R0L
Table 49. Bit Descriptions for SED Patt/Err R0L
Bits
Bit Name
Description
Reset
Access
[7:0]
SED Data Port 0 rising edge low part error bits
SED Data Port 0 rising edge error, Bits[7:0]
0x00
R/W
Sample Error Detection (SED) Data Port 0 Rising Edge Status High Register
Address: 0x52, Reset: 0x000, Name: SED Patt/Err R0H
Table 50. Bit Descriptions for SED Patt/Err R0H
Bits
Bit Name
Description
Reset
Access
[7:6]
Reserved
Reserved
0x0
R
[5:0]
SED Data Port 0 rising edge high part error bits
SED Data Port 0 rising edge error, Bits[13:8]
0x00
R/W
Sample Error Detection (SED) Data Port 1 Rising Edge Status Low Register
Address: 0x53, Reset: 0x00, Name: SED Patt/Err R1L
Table 51. Bit Descriptions for SED Patt/Err R1L
Bits
Bit Name
Description
Reset
Access
[7:0]
SED Data Port 1 rising edge low part error bits
SED Data Port 1 rising edge error, Bits[7:0]
0x00
R/W
Sample Error Detection (SED) Data Port 1 Rising Edge Status High Register
Address: 0x54, Reset: 0x00, Name: SED Patt/Err R1H
Table 52. Bit Descriptions for SED Patt/Err R1H
Bits
Bit Name
Description
Reset
Access
[7:6]
Reserved
Reserved
0x0
R
[5:0]
SED Data Port 1 rising edge high part error bits
SED Data Port 1 rising edge error, Bits[13:8]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com