Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9119BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9119BBCZ
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9119BBCZ Datasheet HTML 11Page - Analog Devices AD9119BBCZ Datasheet HTML 12Page - Analog Devices AD9119BBCZ Datasheet HTML 13Page - Analog Devices AD9119BBCZ Datasheet HTML 14Page - Analog Devices AD9119BBCZ Datasheet HTML 15Page - Analog Devices AD9119BBCZ Datasheet HTML 16Page - Analog Devices AD9119BBCZ Datasheet HTML 17Page - Analog Devices AD9119BBCZ Datasheet HTML 18Page - Analog Devices AD9119BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 15 of 66
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
–145
–150
–155
–160
–165
–170
–40°C
+25°C
+85°C
Figure 20. Single-Tone NSD vs. fOUT over Temperature
CENTER 877.5MHz
VBW 3kHz
SPAN 53.84MHz
SWEEP 1.485s
–20
–30
–50
–40
–80
–70
–60
–90
–120
–110
–100
OFFSET FREQ
5MHz
10MHz
15MHz
20MHz
25MHz
INTEG BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
3.84MHz
dBc
–74.97
–77.99
–78.68
–78.79
–76.81
dBm
–85.68
–88.69
–89.38
–89.50
–87.52
dBc
–75.24
–78.44
–78.94
–78.58
–77.20
dBm
–85.95
–89.14
–89.65
–89.29
–87.91
FILTER
OFF
OFF
OFF
OFF
OFF
TOTAL CARRIER POWER –10.705dBm/3.84MHz
UPPER
LOWER
Figure 21. Single-Carrier W-CDMA at 877.5 MHz
0
200
400
600
800
1000
1200
fOUT (MHz)
–150
–155
–160
–165
–170
–40°C
+25°C
+85°C
Figure 22. W-CDMA NSD vs. fOUT over Temperature
CENTER 877.5MHz
VBW 3kHz
SPAN 58.84MHz
SWEEP 1.623s
–20
–30
–50
–40
–80
–70
–60
–90
–120
–110
–100
OFFSET FREQ
5MHz
10MHz
15MHz
20MHz
25MHz
INTEG BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
3.84MHz
dBc
–71.62
–74.36
–74.35
–72.89
–67.34
dBm
–85.23
–87.96
–87.95
–86.50
–80.95
dBc
–71.61
–74.94
–74.91
–74.53
–73.68
dBm
–85.22
–88.55
–88.52
–88.14
–87.29
FILTER
OFF
OFF
OFF
OFF
OFF
UPPER
LOWER
TOTAL CARRIER POWER –10.646dBm/7.68MHz
Figure 23. Two-Carrier W-CDMA at 877.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com