Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9152 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9152 Datasheet HTML 9Page - Analog Devices AD9152 Datasheet HTML 10Page - Analog Devices AD9152 Datasheet HTML 11Page - Analog Devices AD9152 Datasheet HTML 12Page - Analog Devices AD9152 Datasheet HTML 13Page - Analog Devices AD9152 Datasheet HTML 14Page - Analog Devices AD9152 Datasheet HTML 15Page - Analog Devices AD9152 Datasheet HTML 16Page - Analog Devices AD9152 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 13 of 103
Pin No.
Mnemonic
Description
23
SVDD12
1.2 V JESD204B Rx Analog Supply.
24
SERDIN2−
Serial Channel Input 2, Negative. CML compliant. SERDIN2− is 50 Ω terminated to the VTT pin voltage. This
pin is ac-coupled only. Resistance calibrated
25
SERDIN2+
Serial Channel Input 2, Positive. CML compliant. SERDIN2+ is 50 Ω terminated to the VTT pin voltage. This pin
is ac-coupled only. Resistance calibrated.
26
SVDD12
1.2 V JESD204B Rx Analog Supply.
27
SERDIN3−
Serial Channel Input 3, Negative. CML compliant. SERDIN3− is 50 Ω terminated to the VTT pin voltage. This
pin is ac-coupled only. Resistance calibrated.
28
SERDIN3+
Serial Channel Input 3, Positive. CML compliant. SERDIN3+ is 50 Ω terminated to the VTT pin voltage. This pin
is ac-coupled only. Resistance calibrated.
29
SDVDD12
1.2 V JESD204B Rx Digital Supply.
30
VTT
1.2 V Termination Voltage. Connect VTT to the SVDD12 pin externally.
31
SVDD12
1.2 V JESD204B Rx Analog Supply.
32
SIOVDD33
3.3 V Supply for Equalizers.
33
SYNCOUT−
Negative LVDS Sync Output Signal.
34
SYNCOUT+
Positive LVDS Sync Output Signal.
35
DVDD12
1.2 V Digital Supply.
36
DVDD12
1.2 V Digital Supply.
37
PROTECT_OUT
Protection Indicator for I DAC and Q DAC. CMOS levels are determined with respect to IOVDD.
38
SDO
Serial Port Data Output. CMOS levels are determined with respect to IOVDD.
39
SDIO
Serial Port Data Input/Output. CMOS levels are determined with respect to IOVDD.
40
SCLK
Serial Port Clock Input. CMOS levels are determined with respect to IOVDD.
41
CS
Serial Port Chip Select, Active Low. CMOS levels are determined with respect to IOVDD.
42
IOVDD
1.8 V IOVDD Supply for CMOS Input/Output and SPI.
43
AVDD33
3.3 V Analog Supply for the DAC Cores.
44
QOUT+
Q DAC Positive Current Output.
45
QOUT−
Q DAC Negative Current Output.
46
AVDD33
3.3 V Analog Supply for the DAC Cores.
47
CVDD12
1.2 V Clock Supply.
48
DACCLK+
Positive Device Clock When PLL Is Not Used.
49
DACCLK−
Negative Device Clock When PLL Is Not Used.
50
CVDD12
1.2 V Clock Supply.
51
AVDD33
3.3 V Analog Supply for the DAC Cores.
52
IOUT−
I DAC Negative Current Output.
53
IOUT+
I DAC Positive Current Output.
54
AVDD33
3.3 V Analog Supply for the DAC Cores.
55
I120
Output Current Generation Pin for the DAC Full-Scale Current. Tie a 4 kΩ resistor from this pin to the ground
plane.
56
CVDD12
1.2 V Clock Supply.
EPAD
Exposed Pad. The exposed pad must be securely connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com