Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9152 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9152 Datasheet HTML 12Page - Analog Devices AD9152 Datasheet HTML 13Page - Analog Devices AD9152 Datasheet HTML 14Page - Analog Devices AD9152 Datasheet HTML 15Page - Analog Devices AD9152 Datasheet HTML 16Page - Analog Devices AD9152 Datasheet HTML 17Page - Analog Devices AD9152 Datasheet HTML 18Page - Analog Devices AD9152 Datasheet HTML 19Page - Analog Devices AD9152 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 16 of 103
0
200
400
600
800
1000
fOUT (MHz)
–90
–80
–70
–60
–50
–40
–30
BACK OFF: –6dB
BACK OFF: –12dB
BACK OFF: –14dB
BW: 80MHz
BW: 400MHz
Figure 10. In-Band, Single Tone SFDR vs. fOUT in 80 MHz and 400 MHz
Bandwidths, fDAC = 1966.08 MHz
fOUT (MHz)
–80
–100
–60
–40
–20
0
0
200
400
600
800
1000
fDAC: 1228.8MHz
fDAC: 1474.56MHz
fDAC: 1966.08MHz
fDAC: 983.04MHz
Figure 11. Two-Tone, Third-Order IMD (IMD3) vs. fOUT over fDAC
fOUT (MHz)
–80
–100
–60
–40
–20
0
0
200
400
600
800
1000
BACK OFF: 0dB
BACK OFF: –6dB
BACK OFF: –9dB
BACK OFF: –12dB
BACK OFF: –14dB
BACK OFF: –16dB
Figure 12. Two-Tone, Third-Order IMD (IMD3) vs. fOUT over Digital Back Off,
fDAC = 1966.08 MHz
fOUT (MHz)
–80
–100
–60
–40
–20
0
0
200
400
600
800
1000
0.6MHz TONE SPACING
1MHz TONE SPACING
16MHz TONE SPACING
35MHz TONE SPACING
Figure 13. Two-Tone, Third-Order IMD (IMD3) vs. fOUT over Tone Spacing,
fDAC = 1966.08 MHz
fOUT (MHz)
–165
–170
–160
–155
–140
–135
–145
–150
–130
0
200
400
600
800
1000
fDAC: 1228.8MHz
fDAC: 1474.56MHz
fDAC: 1966.08MHz
fDAC: 983.04MHz
Figure 14. Single Tone (0 dBFS) NSD vs. fOUT over fDAC
fOUT (MHz)
–165
–170
–160
–155
–140
–135
–145
–150
–130
0
200
400
600
800
1000
BACK OFF: 0dB
BACK OFF: –6dB
BACK OFF: –9dB
BACK OFF: –12dB
BACK OFF: –14dB
BACK OFF: –16dB
Figure 15. Single Tone NSD vs. fOUT over Digital Back Off, fDAC = 1966.08 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com