Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9739BBCZ Datasheet HTML 1Page - Analog Devices AD9739BBCZ Datasheet HTML 2Page - Analog Devices AD9739BBCZ Datasheet HTML 3Page - Analog Devices AD9739BBCZ Datasheet HTML 4Page - Analog Devices AD9739BBCZ Datasheet HTML 5Page - Analog Devices AD9739BBCZ Datasheet HTML 6Page - Analog Devices AD9739BBCZ Datasheet HTML 7Page - Analog Devices AD9739BBCZ Datasheet HTML 8Page - Analog Devices AD9739BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 3 of 50
REVISION HISTORY
6/2018—Rev. D to Rev. E
Changes to Table 7 ..........................................................................11
Data Receiver Operation at Lower Clock Rates Section ............32
5/2017—Rev. C to Rev. D
Changes to Table 32 ........................................................................48
2/2015—Rev. B to Rev. C
Moved Revision History...................................................................3
Changes to Figure 6.........................................................................11
Changes to Table 19 ........................................................................25
Changes to Theory of Operation Section ....................................28
Changes to Figure 52 ......................................................................36
Changes to Clock Input Considerations Section ........................40
Deleted Figure 60 ............................................................................40
Changes to Table 32 ........................................................................48
1/2012—Rev. A to Rev. B
Changes to Features Section, Applications Section, General
Description Section, Figure 1, Product Highlights Section.........1
Changes to DC Specifications Section ...........................................4
Changed Digital Specifications Section to LVDS Digital
Specifications Section .......................................................................5
Changes to LVDS Digital Specifications Section ..........................5
Added Serial Port Specifications Section and Table 3;
Renumbered Sequentially ................................................................6
Changes to AC Specifications Section............................................7
Changes to Table 5 ............................................................................8
Changes to Table 7 ..........................................................................10
Deleted Static Linearity Section and Figure 7 to Figure 17;
Renumbered Sequentially ..............................................................11
Changed Dynamic Performance Normal Mode, 20 mA Full
Scale (Unless Otherwise Noted) Section to AC (Normal Mode)
Section ..............................................................................................12
Changes to AC (Normal Mode) Section ......................................12
Changed Dynamic Performance Mix Mode, 20 mA Full Scale
Section to AC (Mix Mode) Section...............................................15
Changes to AC (Mix Mode) Section.............................................15
Added Serial Port Interface (SPI) Register Section, SPI Register
Map Description Section, Reset Section, Table 8, and SPI
Operation Section and Figure 34 ..................................................18
Deleted DOCSIS Performance Section and Figure 46 to
Figure 72 and added Figure 35 through Figure 38; Renumbered
Sequentially ................................................................................................. 19
Changes to SPI Register Map Section and Table 9......................20
Added SPI Port Configuration and Software Reset Section,
Power-Down LVDS Interface and TxDAC® Section, Controller
Clock Disable Section, Interrupt Request (IRQ) Enable/Status
Section, and Table 10 to Table 13 ..................................................22
Added TxDAC Full-Scale Current Setting (I
OUTFS) and Sleep
Section, TxDAC Quad-Switch Mode of Operation Section, DCI
Phase Alignment Status Section, SYNC_IN Phase Alignment
Status Section, Data Receiver Controller Configuration Section,
and Table 14 to Table 18 .................................................................23
Added Data Receiver Controller_Data Sample Delay Value
Section, Data and Sync Receiver Controller_DCI Delay
Value/Window and Phase Rotation Section, Data Receiver
Controller_Delay Line Status and Sync Controller SYNC_OUT
Status Section, and Table 19 to Table 21 ......................................24
Deleted Serial Peripheral Interface Section, General Operation
of the Serial Interface Section, Instruction Mode (8-Bit Instruction)
Section, and Serial Interface Port Pin Description Section.......25
Added Sync and Data Receiver Controller Lock/Tracking Status
Section, CLK Input Common Mode Section, Mu Controller
Configuration and Status Section, and Table 22 to Table 24.....25
Deleted MSB/LSB Transfers Section, Serial Port Configuration
Section, and Figure 74 to Figure 79 ..............................................26
Added Part ID Section and Table 25 ............................................26
Changes to Theory of Operation Section ....................................27
Added Figure 39 ..............................................................................27
Deleted SPI Registers Section and Table 8 to Table 31...............28
Moved and Changes to LVDS Data Port Interface Section .......28
Added Figure 40 and Figure 41 .....................................................28
Changes to Figure 42 ......................................................................29
Moved and Changes to Figure 43 .................................................29
Added Data Receiver Controller Initialization Description
Section, Table 26, and Data Receiver Operation at Lower Clock
Rates Section....................................................................................30
Added LVDS Driver and Receiver Input Section, Figure 44 to
Figure 47, and Table 27...................................................................31
Changed and Moved Mu Delay Controller Section to Mu
Controller Section ...........................................................................32
Changes to Mu Controller Section, Figure 48, and Figure 49...32
Added Figure 50 and Table 28.......................................................32
Added Mu Controller Initialization Description Section..........33
Changes to Interrupt Requests Section ........................................34
Added Table 29 ................................................................................34
Changed Synchronization Controller Section to Multiple
Device Synchronization Section ...................................................35
Added Figure 52 ..............................................................................35
Changes to Figure 53 ......................................................................36
Added Sync Controller Initialization Description Section .......36
Added Synchronization Limitations Section...............................37
Changed Applications Information to Analog Interface
Considerations Section...................................................................38
Changes to Analog Modes of Operation Section .......................38
Deleted Clocking the AD9739 Section, Figure 85, and Figure 86..39
Added Clock Input Considerations Section, Figure 58 to
Figure 60...........................................................................................39
Deleted Clock Phase Noise Affects on AC Performance Section,
Table 32 to Table 34, Applying Data to the AD9739 Section, and
Figure 87...........................................................................................40
Moved Figure 61..............................................................................40
Changes to Voltage References Section and Analog Outputs
Section ..............................................................................................40
Added Equivalent DAC Output and Transfer Function and
Figure 63...........................................................................................40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com