Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9739BBCZ
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9739BBCZ Datasheet HTML 1Page - Analog Devices AD9739BBCZ Datasheet HTML 2Page - Analog Devices AD9739BBCZ Datasheet HTML 3Page - Analog Devices AD9739BBCZ Datasheet HTML 4Page - Analog Devices AD9739BBCZ Datasheet HTML 5Page - Analog Devices AD9739BBCZ Datasheet HTML 6Page - Analog Devices AD9739BBCZ Datasheet HTML 7Page - Analog Devices AD9739BBCZ Datasheet HTML 8Page - Analog Devices AD9739BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 5 of 50
SPECIFICATIONS
DC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, I
OUTFS = 20 mA.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
Integral Nonlinearity (INL)
±1.3
LSB
Differential Nonlinearity (DNL)
±0.8
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
5.5
%
Full-Scale Output Current
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
V
Common-Mode Output Resistance
10
MΩ
Differential Output Resistance
70
Ω
Output Capacitance
1
pF
DAC CLOCK INPUT (DACCLK_P, DACCLK_N)
Differential Peak-to-Peak Voltage
1.2
1.6
2.0
V
Common-Mode Voltage
900
mV
DAC Clock Rate
0.8
2.5
GHz
TEMPERATURE DRIFT
Gain
60
ppm/°C
Reference Voltage
20
ppm/°C
REFERENCE
Internal Reference Voltage
1.15
1.2
1.25
V
Output Resistance
5
kΩ
ANALOG SUPPLY VOLTAGES
VDDA
3.1
3.3
3.5
V
VDDC
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
VDD33
3.10
3.3
3.5
V
VDD
1.70
1.8
1.90
V
SUPPLY CURRENTS AND POWER DISSIPATION, 2.0 GSPS
I
VDDA
37
38
mA
I
VDDC
159
166
mA
I
VDD33
34
37
mA
I
VDD
233
238
mA
Power Dissipation
0.940
0.975
W
Sleep Mode, I
VDDA
2.5
2.75
mA
Power-Down Mode (Register 0x01 = 0x33 and Register 0x02 = 0x80)
I
VDDA
0.02
mA
I
VDDC
3.8
mA
I
VDD33
0.5
mA
I
VDD
0.1
mA
SUPPLY CURRENTS AND POWER DISSIPATION, 2.5 GSPS
I
VDDA
37
mA
I
VDDC
223
mA
I
VDD33
34
mA
I
VDD
290
mA
Power Dissipation
1.16
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com