Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9928N Datasheet(PDF) 1 Page - Anachip Corp

Part # AF9928N
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9928N Datasheet(HTML) 1 Page - Anachip Corp

  AF9928N Datasheet HTML 1Page - Anachip Corp AF9928N Datasheet HTML 2Page - Anachip Corp AF9928N Datasheet HTML 3Page - Anachip Corp AF9928N Datasheet HTML 4Page - Anachip Corp AF9928N Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AF9928N
N-Channel Enhancement Mode Power MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Aug 11, 2005
1/5
Features
- Low On-resistance
- Capable of 2.5V Gate Drive
- Optimal DC/DC battery application
Product Summary
BVDSS (V)
rDS(on) (mΩ)
ID (A)
20
23
5
Pin Assignments
TSSOP-8
5
6
7
8
4
3
2
1
D2
S2
S2
G2
D1
S1
S1
G1
General Description
The advanced power MOSFET provides the designer
with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
Pin Descriptions
Pin Name
Description
S1/2
Source
G1/2
Gate
D1/2
Drain
Ordering information
A X 9928N X X X
PN
Package
Feature
F :MOSFET
TS: TSSOP-8
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel


Similar Part No. - AF9928N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF9926N ANACHIP-AF9926N Datasheet
414Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Sep 5, 2005
AF9926NS ANACHIP-AF9926NS Datasheet
414Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Sep 5, 2005
AF9926NSA ANACHIP-AF9926NSA Datasheet
414Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Sep 5, 2005
AF9926NSL ANACHIP-AF9926NSL Datasheet
414Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Sep 5, 2005
AF9926NSLA ANACHIP-AF9926NSLA Datasheet
414Kb / 6P
N-Channel Enhancement Mode Power MOSFET
Rev. 1.1 Sep 5, 2005
More results

Similar Description - AF9928N

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com