Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9928N Datasheet(PDF) 2 Page - Anachip Corp

Part # AF9928N
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9928N Datasheet(HTML) 2 Page - Anachip Corp

  AF9928N Datasheet HTML 1Page - Anachip Corp AF9928N Datasheet HTML 2Page - Anachip Corp AF9928N Datasheet HTML 3Page - Anachip Corp AF9928N Datasheet HTML 4Page - Anachip Corp AF9928N Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AF9928N
N-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Aug 11, 2005
2/5
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±12
V
at TA=25ºC
5
ID
Drain Current (Note 1), at VGS=4.5V
at TA=70ºC
3.5
A
IDM
Pulsed Drain Current (Note 2)
25
A
Total Power Dissipation
1
W
PD
Linear Derating Factor
at TA=25ºC
0.008
W/ºC
TSTG
Storage Temperature Range
-55 to 150
ºC
TJ
Operating Junction Temperature Range
-55 to 150
ºC
Thermal Data
Symbol
Parameter
Value
Units
Rthj-a
Thermal Resistance Junction-Ambient (Note 1)
Max.
125
oC/W
Note 1: Surface mounted on 1 in
2 copper pad of FR4 board, 208oC/W when mounted on Min. copper pad.
Note 2: Pulse width limited by Max. junction temperature.
Electrical Characteristics at T
J=25ºC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
20
-
-
V
∆BVDSS /∆TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25
oC,
ID=1mA
-
0.02
-
V/
oC
VGS=4.5V, ID=5A
-
-
23
mΩ
RDS(on)
Static Drain-Source On-Resistance
(Note 3)
VGS=2.5V, ID=2A
-
-
29
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
-
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
21
-
S
VDS=20V, VGS=0V,
TJ=25ºC
-
-
1
uA
IDSS
Drain-Source Leakage Current
VDS=20V, VGS=0V,
TJ=70ºC
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±12V
-
-
±10
uA
Qg
Total Gate Charge (Note 3)
-
15.9
-
nC
Qgs
Gate-Source Charge
-
1.5
-
nC
Qgd
Gate-Drain (“Miller”) Charge
ID=5A,
VDS=10V,
VGS=4.5V
-
7.4
-
nC
td(on)
Turn-On Delay Time (Note 3)
-
6.2
-
ns
tr
Rise Time
-
9
-
ns
td(off)
Turn-Off Delay Time
-
30
-
ns
tf
Fall-Time
VDS=10V,
ID=1A,
RG=3.3Ω, VGS=4.5V
RD=10Ω
-
11
-
ns
Ciss
Input Capacitance
-
530
-
pF
Coss
Output Capacitance
-
245
-
pF
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=20V,
f=1.0MHz
-
125
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current (Body
Diode)
VD=VG=0V, VS=1.2V
-
-
0.83
A
VSD
Forward On Voltage (Note 3)
TJ=25ºC , IS=5A,
VGS=0V
-
-
1.2
V
Note3: Pulse width ≤ 300us, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com