Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1452974 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1452974
Description  Sensor/actuator box - SACB-8/16-SC SCO P
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452974 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1452974 Datasheet HTML 1Page - PHOENIX CONTACT 1452974 Datasheet HTML 2Page - PHOENIX CONTACT 1452974 Datasheet HTML 3Page - PHOENIX CONTACT 1452974 Datasheet HTML 4Page - PHOENIX CONTACT 1452974 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1452974
11/22/2018   Page 1 / 5
Sensor/actuator box - SACB-8/16-SC SCO P - 1452974
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/actuator box, application: Standard, connection method: M12-SPEEDCON-socket Plastic, number of
slots: 8, number of positions: 5, coding: A - standard, slot assignment: Double, status display: No, Universal;
master cable connection: Spring-cage connection 180°, shielding: no
Your advantages
 Safety in the field, thanks to molded housing and high degree of protection
 Flexible, distributed bundling of signals in one master cable
 Save space: distributor box with double occupancy for two sensors in one slot
 Save time, thanks to installation with SPEEDCON fast locking system
 Flexible: distributor box with connector hood for on-site assembly
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356553599
Technical data
General
Rated voltage
120 V
Current carrying capacity per I/O signal
2 A
Current carrying capacity per slot
4 A
Total rated current
12 A
Number of positions
5
Number of slots
8
Flammability rating according to UL 94
V0
Sensor/actuator connection system
M12-SPEEDCON-socket
Note
When connecting the signal lines to the black PCB terminal blocks,
please use a 0.4 x 2.0 mm screwdriver.
The black PCB terminal blocks only require a minimal amount of
operating force.
Screwdriver: SZS 0,4X2,0 - 1205202


Similar Part No. - 1452974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1452903 PHOENIX-1452903 Datasheet
113Kb / 8P
Sensor/actuator box header - SACB-8/ 8-L-C GG SCO P
1452916 PHOENIX-1452916 Datasheet
107Kb / 4P
Sensor/actuator box header - SACB-8/16-L-C GG SCO P
1452919 PHOENIX-1452919 Datasheet
797Kb / 14P
PLC-V8C/PT-24DC/RS485 - Controller
1452929 PHOENIX-1452929 Datasheet
111Kb / 9P
Sensor/actuator box - SACB-4/ 4-SC SCO P
1452932 PHOENIX-1452932 Datasheet
99Kb / 5P
Sensor/actuator box - SACB-4/ 8-SC SCO P
More results

Similar Description - 1452974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1452547 PHOENIX-1452547 Datasheet
141Kb / 8P
Sensor/actuator box - SACB-8/16- 5,0PUR SCO P
1452550 PHOENIX-1452550 Datasheet
141Kb / 8P
Sensor/actuator box - SACB-8/16-10,0PUR SCO P
1452738 PHOENIX-1452738 Datasheet
146Kb / 5P
Sensor/actuator box - SACB-8/16-L-10,0PUR SCO P
1452929 PHOENIX-1452929 Datasheet
111Kb / 9P
Sensor/actuator box - SACB-4/ 4-SC SCO P
1452932 PHOENIX-1452932 Datasheet
99Kb / 5P
Sensor/actuator box - SACB-4/ 8-SC SCO P
1452945 PHOENIX-1452945 Datasheet
114Kb / 9P
Sensor/actuator box - SACB-6/ 6-SC SCO P
1452958 PHOENIX-1452958 Datasheet
116Kb / 9P
Sensor/actuator box - SACB-6/12-SC SCO P
1452961 PHOENIX-1452961 Datasheet
117Kb / 9P
Sensor/actuator box - SACB-8/ 8-SC SCO P
1453025 PHOENIX-1453025 Datasheet
106Kb / 5P
Sensor/actuator box - SACB-8/ 8-L-SC SCO P
1453038 PHOENIX-1453038 Datasheet
111Kb / 5P
Sensor/actuator box - SACB-8/16-L-SC SCO P
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com