Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1452974 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1452974
Description  Sensor/actuator box - SACB-8/16-SC SCO P
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452974 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1452974 Datasheet HTML 1Page - PHOENIX CONTACT 1452974 Datasheet HTML 2Page - PHOENIX CONTACT 1452974 Datasheet HTML 3Page - PHOENIX CONTACT 1452974 Datasheet HTML 4Page - PHOENIX CONTACT 1452974 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1452974
11/22/2018   Page 2 / 5
Sensor/actuator box - SACB-8/16-SC SCO P - 1452974
Technical data
General
Using larger screwdrivers or excessive force may damage the PCB
terminal blocks.
When using ferrules, the wires can be inserted straight into the PCB
terminal blocks without opening the clamping area.
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-25 °C ... 80 °C
Master cable data/connection data
Connection method
Spring-cage connection
Conductor cross section min. (signal)
0.2 mm²
Conductor cross section max. (signal)
0.5 mm²
Conductor cross section AWG min. (signal)
24
Conductor cross section AWG max. (signal)
20
Stripping length (signal)
6 mm
Conductor cross section min. (energy)
0.2 mm²
Conductor cross section max. (energy)
1.5 mm²
Conductor cross section AWG min. (energy)
24
Conductor cross section AWG max. (energy)
16
Stripping length (power)
10 mm
External cable diameter min.
7 mm
External cable diameter max.
12 mm
Stripping length
50 mm (Master cable)
Tightening torque, cover screw
1 Nm
Tightening torque, union nut
2.5 Nm
Tightening torque slot sensor/actuator cable
0.4 Nm
Tightening torque of mounting screw for fixing the housing
0.5 Nm
Insulation material
Housing material
PBT
Material of the moulding mass
PUR
Contact material
Cu alloy
Contact surface material
gold-plated
Contact carrier material
PA
Material of threaded sleeve
PBT
O-ring material
NBR
Sealing material
NBR (Connector hood)
Pin assignment
Slot/position = Wire color or connection
1 / 4 (A) = WH
1 / 2 (B) = GY/PK
2 / 4 (A) = GN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com