Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB242AL-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB242AL-AG6-R
Description  LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB242AL-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB242AL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB242AL-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB242
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 13
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-307.e
ORDERING INFORMATION
Note: X: Output Voltage, refer SERIAL CODE LIST.
LITHIUM-ION/POLYMER
BATTERY PROTECTION IC
DESCRIPTION
UTC UB242 is a series of lithium-ion / lithium-polymer rechargeable
battery protection ICs incorporating high accuracy voltage detection
circuits and delay circuits.
UTC UB242 is suitable for protection of single cell lithium-ion / lithium
polymer battery packs from overcharge, over discharge and over
current.
The ultra-small package and less required external components
make it ideal to integrate the UTC UB242 into the limited space of
battery pack.
FEATURES
* Wide supply voltage range:
VDD=1.8V~9.0V
* Ultra-low quiescent current:
IDD=3.0μA (VDD=3.9V)
* Ultra-low power-down current:
IPD=0.1μA (VDD=2.0V)
* Overcharge detection voltage:
VOCU=4.200V~4.400V
* Overcharge release voltage:
VOCR=4.005V~4.225V
* Over discharge detection voltage :
VODL=2.15V~3.00V
* Over discharge release voltage:
VODR=2.32V~3.10V
* Over current detection voltage:
VOI1=0.05V~0.20V
* Short circuit detection voltage:
VOI2=1.35V (Fixed)
* Charger detection voltage:
VCH=-0.7V
Reset resistance for over current protection: RSHORT>500kΩ
* Delay times are generated by an internal circuit.
(External capacitors are unnecessary.)
SOT-26
4
5
3
2
1
6
Ordering Number
Lead Free
Halogen Free
Package
Packing
UB242XL-AG6-R
UB242XG-AG6-R
SOT-26
Tape Reel
UB242GL-AG6-R
UB242GP-AG6-R
SOT-26
Tape Reel


Similar Part No. - UB242AL-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205 Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205G-S08-R UTC-UB24205G-S08-R Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205G-S08-R UTC-UB24205G-S08-R Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
More results

Similar Description - UB242AL-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_15 Datasheet
230Kb / 13P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_15 Datasheet
171Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Unisonic Technologies
UB24205 UTC-UB24205_17 Datasheet
191Kb / 10P
LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q01 KEXIN-KP00Q01 Datasheet
511Kb / 8P
Lithium-ion/Polymer Battery Protection IC
KP00Q02 KEXIN-KP00Q02 Datasheet
658Kb / 8P
Lithium-ion/Polymer Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
2 lithium ion/lithium polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com