Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012AG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB2012AG-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012AG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UB2012AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 17
www.unisonic.com.tw
QW-R121-018 .G
■
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UB2012XL-D08-T
UB2012XG-D08-T
DIP-8
Tube
UB2012XL-S08-R
UB2012XG-S08-R
SOP-8
Tape Reel
Note: X: Output Voltage, Refer to Marking Information.
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
(4) x: Refer to Marking Information
UB2012XG-D08-T
(1) Packing Type
(2) Package Type
(3) Green Package
(4) Output Voltage Code
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
DIP-8
SOP-8
A: 4.1V
B: 4.2V
C: 8.2V
D: 8.4V
PIN CONFIGURATION
1
COMP
TS
SNS
BAT
VCC
CC
VSS
STAT
2
3
4
5
6
7
8
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
PIN DESCRIPTION
1
SNS
I
Current sense input
2
BAT
I
Voltage sense input
3
VCC
I
Supply voltage
4
TS
I
Temperature sense input
5
STAT
O
Charge status output
6
VSS
Ground
7
CC
O
Charge control output
8
COMP
I
Charge-Rate compensation input (Auto Comp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com