Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012AG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB2012AG-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012AG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB2012AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UB2012AG-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB2012
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 17
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R121-018.G
ADVANCED LINEAR CHARGE
MANAGEMENT IC FOR SINGLE
AND TWO-CELL LITHIUM-ION
AND LITHIUM-POLYMER
DESCRIPTION
UTC UB2012 is designed for portable electronics with lower cost. Its
advantages of high-accuracy voltage/current regulation, charging status
indication,
temperature
monitoring,
and
automatic
charge-rate
compensation.
In applications, the battery temperature is continuously under
monitor by using an external thermistor, if the temperature is over
user-defined threshold; UTC UB2012 inhibits charge for safety concern.
DIP-8
SOP-8
Generally, the UTC UB2012 charges the battery in conditioning, constant voltage and constant current phases.
If the battery voltage is lower than the low-voltage threshold (VMIN), a low current is used for conditioning the battery.
The conditioning charge rate is around 10% of the regulation current and the heat dissipation in the external pass
element during the initial stage of the charge is minimized by the conditioning current. After the conditioning phase,
the UTC UB2012 applies a constant current that be set by an external sense-resistor to the battery. The
sense-resistor can be on the battery without additional components. The constant current phase continues until the
battery reaches the charge-regulation voltage, then the constant voltage phase is beginning.
UTC UB2012 offers 4.1V, 4.2V, 8.2V and 8.4V fixed-voltage for single and dual cells. Charge stops when the
current tapers to the charge termination threshold (ITERM) and will recharge if the battery voltage falls below the VRCH.
The automatic charge-rate compensation feature reduces the charging time of batteries. For the internal
impedance of battery pack during charge, this advanced technique offers safe and dynamic compensation.
FEATURES
* Ideal for Single 4.1V,4.2V and Dual-Cell 8.2V,8.4V Li-Ion or Li-Pol Packs
* 0.3V Dropout Voltage for Minimizing Heat Dissipation
* Better than ±1.2% Accuracy of Voltage Regulation With Preset Voltages
* Dynamic Compensation of Battery Pack’s Internal Impedance to short Charging Time
* Optional Cell-Temperature Monitoring
* Integrated Voltage and Current Regulation With Programmable Charge-Current
* Integrated Cell Conditioning for Reviving Deeply Discharged Cells and Minimizing Heat Dissipation During Initial
Charge Stage
* Charge Status Output for Single or Dual Led or Host Processor Interface
* Automatic Battery-Recharge Feature
* Charge Termination by Minimum Current
* Automatic Low-Power Sleep Mode When VCC is Removed
* EVMs Available for Quick Evaluation


Similar Part No. - UB2012AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
UB2012 UTC-UB2012 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
UB2012XG-S08-R UTC-UB2012XG-S08-R Datasheet
320Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
UB2012XG-S08-R UTC-UB2012XG-S08-R Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
UB2012XG-S08-R UTC-UB2012XG-S08-R Datasheet
287Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
More results

Similar Description - UB2012AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Eutech Microelectronics...
EUP8057 EUTECH-EUP8057 Datasheet
563Kb / 16P
Advanced 1A Linear Charge Management Controllers
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Unisonic Technologies
UB2012 UTC-UB2012_15 Datasheet
287Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
Charge and Charge Management IC
LTH7S FUMAN-LTH7S Datasheet
333Kb / 5P
Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com