Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC14633 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CC14633
Description  Florentina Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CC14633 Datasheet(HTML) 2 Page - Ledil, Inc.

  CC14633 Datasheet HTML 1Page - Ledil, Inc. CC14633 Datasheet HTML 2Page - Ledil, Inc. CC14633 Datasheet HTML 3Page - Ledil, Inc. CC14633 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
H
B
G
3
2
4
1
SCALE
2:3 WEIGHT
SHEET
SIZE
DRAWING TITLE
CC14633_FLORENTINA
PART NUMBER
CC14633
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A3
1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
C14445
FLORENTINA-HLD
PC
black
2
C14446
FLORENTINA-SHD
PC
black
56 g
2 8 6 . 8
Front view
Scale:
3:4
LED position
A
A
Bottom view
Scale:
3:4
Isometric view
Scale:
1:2
2
1
Section view A-A
Scale:
2:1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com