Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC14633 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CC14633
Description  Florentina Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CC14633 Datasheet(HTML) 3 Page - Ledil, Inc.

  CC14633 Datasheet HTML 1Page - Ledil, Inc. CC14633 Datasheet HTML 2Page - Ledil, Inc. CC14633 Datasheet HTML 3Page - Ledil, Inc. CC14633 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
H
B
G
3
2
4
1
DESIGNED BY
DATE
CHECKED BY
DATE
DRAWN BY
pasi.vallevuori
DATE
17.10.2014
REV
001
SCALE
1:1 WEIGHT
14,3g
SHEET
1/1
SIZE
A3
DRAWING TITLE
Datasheet using FLORENTINA-HLD
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
LEDiL PROPRIETARY
This drawing is the property of LEDiL Oy. It may not be reproduced,
copied or communicated without a written agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
PC
Black
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
Note asymmetric pockets
for holder features.
C14445_FLORENTINA-HLD
0.2mm high feature
to change holder position
A
Detail A
Scale:
2:1
Tina lens
2 8 5 . 6
3
.
1
1
9 5 . 3 3
9 5 . 3 3
PCB turn 180deg to drop Florentina 0.2mm closer LED.
PCB proposal
0 . 9 4
( 0 . 7 4 p o s s i b l e )
Section Lens assembled
Scale:
3:1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com