Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1898AC Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1898AC
Description  SAW Filter 788 MHz B28 Rx SMD 1.1x0.9 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1898AC Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1898AC Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 788 MHz B28 Rx SMD 1.1x0.9 mm (BW=30 MHz)
TST Parts No.: TA1898AC
Customer Parts No.:
Customer signature required
Company:
Division:
Approved by :
Date:
Checked by:
Hayley Chou
Approval by:
Andy Yu
Date:
2017/04/11
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.


Similar Part No. - TA1898AC

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1898A TAI-SAW-TA1898A Datasheet
1Mb / 8P
SAW Rx Filter 788MHz LTE Band 28B SMD 1109 (30MHz BW)
logo
Golledge Electronics Lt...
TA1898A GOLLEDGE-TA1898A Datasheet
946Kb / 6P
SAW Filter 788.0MHz
More results

Similar Description - TA1898AC

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950A TAI-SAW-TA1950A Datasheet
373Kb / 11P
SAW Filter 1960 MHz Band 2 Rx SMD 1.1x0.9 mm
TA1847CC TAI-SAW-TA1847CC Datasheet
471Kb / 8P
SAW Filter 2655 MHz B7 Rx SMD 1.1x0.9 mm
TA1897AC TAI-SAW-TA1897AC Datasheet
457Kb / 9P
SAW Filter 773 MHz B28 Rx SMD 1.1x0.9 mm
TA1804B TAI-SAW-TA1804B Datasheet
746Kb / 9P
SAW Filter 1582.469 MHz Rx SMD 1.1x0.9 mm (BW=46.834 MHz)
TA1845DN1224 TAI-SAW-TA1845DN1224 Datasheet
470Kb / 9P
SAW Filter 2140 MHz Band 1 Rx SMD 1.1x0.9 mm
TA1898B TAI-SAW-TA1898B Datasheet
476Kb / 8P
SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1898C TAI-SAW-TA1898C Datasheet
426Kb / 9P
SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1898D TAI-SAW-TA1898D Datasheet
476Kb / 8P
SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA2473A TAI-SAW-TA2473A Datasheet
642Kb / 10P
SAW Filter 2155 MHz 90MHz BW Band66 Rx SMD 1.1X0.9 mm
TA2509B TAI-SAW-TA2509B Datasheet
964Kb / 10P
SAW Filter 763 MHz Band14 Rx SMD 1.1X0.9 mm (BW=10 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com