Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1898AC Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1898AC
Description  SAW Filter 788 MHz B28 Rx SMD 1.1x0.9 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1898AC Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1898AC Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1898AC Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 788 MHz B28 Rx SMD 1.1x0.9 mm
MODEL NO.:TA1898AC
REV.1.0
A. MAXIMUM RATING:
1. Maximum Input Power: 15 dBm
2. Operating Temperature: -30 °C to +85 °C
3. Storage Temperature Range: -40 °C to +85 °C
4. Moisture Sensitivity Level: Level 1 (MSL 1)
5. ESD: 100 V(MM), 200 V(HBM)
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance: Zs = 50
Terminating load impedance: ZL = 50
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
788.0
-
Insertion Loss
773~803 MHz
dB
-
2.0
2.8
Amplitude ripple
773~803 MHz
dBp-p
-
1.0
2.1
VSWR(Input)
773~803 MHz
-
-
2.2
2.5
VSWR(Output)
773~803 MHz
-
-
2.2
2.5
Attenuation:
703~718 MHz
dB
46
60
-
718~748 MHz
dB
46
52
-
1546~1606 MHz
dB
40
49
-
1559~1606 MHz
dB
40
49
-
2319~2409 MHz
dB
35
43
-
2400~2500 MHz
dB
35
43
-
3092~3212 MHz
dB
30
41
-
3865~4015 MHz
dB
30
39
-
4638~4818 MHz
dB
30
38
-
4900~5950 MHz
dB
30
38
-
5411~5621 MHz
dB
30
38
-
6184~6424 MHz
dB
30
39
-
6957~7227 MHz
dB
30
38
-
Notes: (1) No Matching Network.
Electrostatic Sensitive Device (ESD)
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com