Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN402SIA Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDN402SIA
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN402SIA Datasheet(HTML) 3 Page - IXYS Corporation

  IXDN402SIA Datasheet HTML 1Page - IXYS Corporation IXDN402SIA Datasheet HTML 2Page - IXYS Corporation IXDN402SIA Datasheet HTML 3Page - IXYS Corporation IXDN402SIA Datasheet HTML 4Page - IXYS Corporation IXDN402SIA Datasheet HTML 5Page - IXYS Corporation IXDN402SIA Datasheet HTML 6Page - IXYS Corporation IXDN402SIA Datasheet HTML 7Page - IXYS Corporation IXDN402SIA Datasheet HTML 8Page - IXYS Corporation IXDN402SIA Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
IXDN402 / IXDI402 / IXDF402
Unless otherwise noted, T
A = 25
o
C, 4.5V
≤ V
CC ≤ 25V .
All voltage measurements with respect to GND. IXDD402 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
3
V
VIL
Low input voltage
2.4
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ VIN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
VCC = 18V
3.7
4
Ω
ROL
Output resistance
@ Output Low
VCC = 18V
2.5
3
Ω
IPEAK
Peak output current
VCC is 18V
2
A
IDC
Continuous output
current
1
A
tR
Rise time
CL=1000pF Vcc=18V
7
8
10
ns
tF
Fall time
CL=1000pF Vcc=18V
7
8
9
ns
tONDLY
On-time propagation
delay
CL=1000pF Vcc=18V
27
28
32
ns
tOFFDLY
Off-time propagation
delay
CL=1000pF Vcc=18V
25
26
30
ns
VCC
Power supply voltage
4.5
18
25
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
25 V
All Other Pins
-0.3 V to VCC + 0.3 V
Junction Temperature
150 oC
Storage Temperature
-65 oC to 150 oC
Lead Temperature (10 sec)
300 oC
Operating Ratings
Parameter
Value
Operating Temperature Range
-55 oC to 125 oC
Thermal Impedance (To Ambient)
8 Pin PDIP (PI) (
θJA)
130 oC/W
8 Pin SOIC (SIA) (
θJA)
120 oC/W
16 Pin SOIC (SIA-16) (
θJA)
120 oC/W
Specifications Subject To Change Without Notice



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com