Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN402SIA Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXDN402SIA
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN402SIA Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXDN402SIA Datasheet HTML 2Page - IXYS Corporation IXDN402SIA Datasheet HTML 3Page - IXYS Corporation IXDN402SIA Datasheet HTML 4Page - IXYS Corporation IXDN402SIA Datasheet HTML 5Page - IXYS Corporation IXDN402SIA Datasheet HTML 6Page - IXYS Corporation IXDN402SIA Datasheet HTML 7Page - IXYS Corporation IXDN402SIA Datasheet HTML 8Page - IXYS Corporation IXDN402SIA Datasheet HTML 9Page - IXYS Corporation IXDN402SIA Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
IXDN402 / IXDI402 / IXDF402
QuiescentSupplyCurrentvs.Temperature
Vcc=18V,Vin=5V@1kHz,CL=1000pF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature(C)
Propagation Delay vs. Input Voltage
CL = 1000 pF Vcc = 15V
0
5
10
15
20
25
30
35
40
45
50
23
45
6789
10
11
12
Input Voltage (V)
tONDLY
tOFFDLY
Propagation Delay Times vs. Temperature
CL = 1000pF, Vcc = 18V
10
15
20
25
30
35
40
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (C)
tONDLY
tOFFDLY
Propagation Delay vs. Supply Voltage
CL=1000 pF Vin=5V@1KHz
0
5
10
15
20
25
30
35
40
45
8
1012141618
Supply Voltage (V)
tONDLY
tOFFDLY
Fig. 16
Fig. 15
Fig. 17
Fig. 18
Fig. 19
Fig. 20
N Channel Sink Output Current vs. Temperature
Vcc = 18V CL = 1000 pF
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (C)
PChannel Output SourceCurrent vs. Temperature
Vcc =18V, CL=1000pF
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature(C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com