Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK601 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK601
Description  WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK601 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK601 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK601 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK601 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK601 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK601 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK601 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STATIC
Input Offset Voltage Drift
DYNAMIC CHARACTERISTICS
Output Voltage Swing
Peak Output Current
Full Power Output
Unity Gain Bandwidth
Slew Rate
Voltage Gain
Settling Time to 1%
Settling Time to 0.1%
Group A
Subgroup
1,2,3
1,2,3
1,2,3
1,2,3
1
2,3
1
2,3
2,3
-
-
4
-
-
-
4
4
-
-
±150VDC
±VCC
±18VDC
18°C/W
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
150°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK601
MSK601B
Junction Temperature
Supply Voltage
Input Voltage Range
Supply Voltage (Input Stage)
Thermal Resistance
(Output Devices)
±VHV
±VIN
±VCC
θJC
Typ.
1.5
15
20
20
±1.0
±2.0
50
100
±10
±15
±120
±115
±250
2
70
3000
95
250
1200
Min.
-
-
-
-
-
-
-
-
-
±12
±50
±110
±200
1
50
2000
90
-
-
Max.
2.0
25
30
30
±5.0
±10.0
250
350
±50
±18
±150
-
-
-
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
±12
±50
±110
±200
1
50
1500
90
-
-
Max.
2.5
30
35
35
±10
-
500
-
-
±18
±150
-
-
-
-
-
-
-
-
MSK 601B
MSK 601
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
mA
mA
mA
mA
mV
mV
nA
nA
µV/°C
V
V
V
mA
MHz
MHz
V/µS
dB
nS
nS
Units
Typ.
1.8
20
25
25
±1.0
±2.0
50
100
±10
±15
±120
±115
±250
2
70
3000
95
250
1200
1
2
3
4
5
Unless otherwise specified, ±VCC=±15VDC, ±VHV=±120VDC, CL=8pF (probe capacitance) and AV=-10V/V.
This parameter is guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
NOTES:
Quiescent Current
Input Offset Voltage
Input Bias Current
VIN=0
VIN=0 @ +VCC
VIN=0 @ -VCC
VIN=0 @ +VHV
VIN=0 @ -VHV
VIN=0
±VCC
±VHV
f=1KHz
f=1KHz
V0=±100V
V0=±1.0V
V0=±90V
f=1KHz
AV=-10V/V
AV=-10V/V
Power Supply Range
2
2
2
2
2
2
2
Rev. A 8/00
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com