Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK601 Datasheet (PDF) - M.S. Kennedy Corporation

MSK601 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK601
Download  MSK601 Download
File Size   188.33 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER

MSK601 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK601 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK601
Download  MSK601 Click to download

File Size   188.33 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER

MSK601 Datasheet (HTML) - M.S. Kennedy Corporation


MSK601 Product details

DESCRIPTION:
The MSK 601(B) is a high voltage wideband amplifier designed to provide very large voltage swings at high slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 601 provides excellent D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 601 achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier; however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater keeps the MSK 601 stable in this range. The MSK 601 is packaged in a space efficient, hermetically sealed, 12 pin power dual in line package that has a high thermal conductivity for efficient device cooling.

FEATURES:
• Ultra Low Quiescent Current - ±15mA for High Voltage
• 220V Peak to Peak Output Voltage Swing
• Slew Rate - 3000V/μS Typical
• Gain Bandwidth Product - 200 MHz Typical
• Full Power Output Frequency - 1 MHz Typical
• Output Current - 200mA Peak
• Adjustable VHV Power Supplies Minimizes Power Dissipation
• Compact Package Offers Superior Power Dissipation
• Contact MSK for MIL-PRF-38534 Qualification Status.

TYPICAL APPLICATIONS
• Wideband Very High Voltage Amplifier
• High Resolution CRT Monitor
• Ultra High Performance Video Processing
• CRT Beam Intensity Control
• Varactor Tuned VCO Driver
• Automatic Test Equipment




Similar Part No. - MSK601

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK601 MSK-MSK601_15 Datasheet
106Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
More results


Similar Description - MSK601

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK604 MSK-MSK604 Datasheet
148Kb / 6P
NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Analog Devices
OP-64 AD-OP-64_15 Datasheet
1Mb / 8P
HIGH SPEED WIDE BANDWIDTH OPERATIONAL AMPLIFIER
REV. 0
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com