Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK643 Datasheet (PDF) - M.S. Kennedy Corporation

MSK643 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK643
Download  MSK643 Download
File Size   284.31 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER

MSK643 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK643 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK643
Download  MSK643 Click to download

File Size   284.31 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER

MSK643 Datasheet (HTML) - M.S. Kennedy Corporation


MSK643 Product details

DESCRIPTION:
The MSK 643(B) is a wide bandwidth, high voltage color or monochrome CRT video amplifier designed specifically to drive the grid of todays most demanding high resolution CRT monitors. The MSK 643(B) is a transimpedance amplifier capable of achieving a ±35V output voltage swing with an input current of ±10mA. The output of the amplifier is DC biased at half the power supply voltage. Transition times in the range of 2.5nS enable the MSK 643 to drive 10nS pixels with ease and make it ideally suited for monitors with 1280 x 1024 or higher display resolutions. The MSK 643 is mounted in a space efficient 9 pin single in-line bathtub package with two mounting tabs for direct mounting to a heat sink or chassis.

FEATURES:
• Negative Output Voltage for Grid Drive
• 2.5nS Transition Times
• Drives 8.5pF Capacitive Load With Ease
• DC Coupled for Output Level Adjust
• 175MHz Bandwidth
• 70Vpp Output Swing
• Replacement for CR3424R

TYPICAL APPLICATIONS
• CRT Driver for Color and Monochrome Monitors
• High Voltage Transimpedance Amplifier
• Ultra High Speed Amplifier for Test Equipment




Similar Part No. - MSK643

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK640B MSK-MSK640B Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK641B MSK-MSK641B Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results


Similar Description - MSK643

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
M.S. Kennedy Corporatio...
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com