Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK641 Datasheet (PDF) - M.S. Kennedy Corporation

MSK641 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK641
Download  MSK641 Download
File Size   290.37 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER

MSK641 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK641 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK641
Download  MSK641 Click to download

File Size   290.37 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER

MSK641 Datasheet (HTML) - M.S. Kennedy Corporation


MSK641 Product details

DESCRIPTION:
The MSK 641(B) is a wide bandwidth, high voltage color or monochrome CRT video amplifier designed specifically to drive the cathode of todays most demanding high resolution CRT monitors. The MSK 641(B) is a transimpedance amplifier capable of achieving a ±35V output voltage swing with an input current of ±10mA. The output of the amplifier is DC biased at half the power supply voltage. Transition times in the range of 2.5nS enable the MSK 641 to drive 10nS pixels with ease and make it ideally suited for monitors with 1280 x 1024 or higher display resolutions. The 9 pin single in-line bathtub package is pin for pin compatible with the LH3424 and CR3424 and is a drop in replacement for the high-rel versions of these devices with improved stability and thermal performance.

FEATURES:
• Pin Compatible with LH3424 and CR3424 High-Rel Versions
• 2.5nS Transition Times
• Drives 8.5pF Capacitive Load With Ease
• DC Coupled for Output Level Adjust
• 175MHz Bandwidth
• 70Vpp Output Swing

TYPICAL APPLICATIONS
• CRT Driver for Color and Monochrome Monitors
• High Voltage Transimpedance Amplifier
• Ultra High Speed Amplifier for Test Equipment




Similar Part No. - MSK641

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK640B MSK-MSK640B Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642B MSK-MSK642B Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results


Similar Description - MSK641

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
M.S. Kennedy Corporatio...
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com