Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK641 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK641
Description  WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK641 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK641 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
COMPLETE VIDEO SYSTEM
Figure 3 above shows how an MSK 620 and MSK 641 can be used to drive a 100MHz monochrome monitor. The video signal
is A.C. coupled through C1. The video output pin of the MSK 620 rests at approximately +3.9Vdc and the input of the MSK 641
should be D.C. biased at approximately +1.55Vdc. D1, D2, D3 and Q1 act as a level shifting stage to match the output of the
MSK620 and the input of the MSK641. R8 and R9 sample the output and feed it back to the clamping section of the MSK 620 for
black level control superior to simply sampling from pin 14 of the MSK 620.
Rev. F 10/05
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com