Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK641 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK641
Description  WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK641 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK641 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK641 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Pin Compatible with LH3424 and CR3424 High-Rel Versions
2.5nS Transition Times
Drives 8.5pF Capacitive Load With Ease
DC Coupled for Output Level Adjust
175MHz Bandwidth
70Vpp Output Swing
WIDE BANDWIDTH, VERY HIGH
VOLTAGE CRT VIDEO AMPLIFIER
DESCRIPTION:
The MSK 641(B) is a wide bandwidth, high voltage color or monochrome CRT video amplifier designed specifically
to drive the cathode of today's most demanding high resolution CRT monitors. The MSK 641(B) is a transimpedance
amplifier capable of achieving a ±35V output voltage swing with an input current of ±10mA. The output of the
amplifier is DC biased at half the power supply voltage. Transition times in the range of 2.5nS enable the MSK 641
to drive 10nS pixels with ease and make it ideally suited for monitors with 1280 x 1024 or higher display resolutions.
The 9 pin single in-line bathtub package is pin for pin compatible with the LH3424 and CR3424 and is a drop in
replacement for the high-rel versions of these devices with improved stability and thermal performance.
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
CRT Driver for Color and
Monochrome Monitors
High Voltage Transimpedance Amplifier
Ultra High Speed Amplifier for
Test Equipment
TYPICAL APPLICATIONS
Vcc
Ground
Ground
Output
1
2
3
4
5
Inverting Input
Ground
Ground
Vcc
Vcc
6
7
8
9
PIN-OUT INFORMATION
641
ISO 9001 CERTIFIED BY DSCC
Rev. F 10/05
1


Similar Part No. - MSK641

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK640B MSK-MSK640B Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642B MSK-MSK642B Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results

Similar Description - MSK641

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
M.S. Kennedy Corporatio...
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com