Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK620 Datasheet (PDF) - List of Unclassifed Manufacturers

MSK620 Datasheet PDF - List of Unclassifed Manufacturers
Part # MSK620
Download  MSK620 Download
File Size   447.5 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM

MSK620 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK620 Datasheet PDF - List of Unclassifed Manufacturers

Part # MSK620
Download  MSK620 Click to download

File Size   447.5 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM

MSK620 Datasheet (HTML) - List of Unclassifed Manufacturers


MSK620 Product details

[M.S.KENNEDY CORP.]

DESCRIPTION:
The MSK 620(B) is a very high frequency video amplifier system capable of driving displays with resolutions up to 1664 x 1200. Brightness is controlled with a gated differential input black level clamp comparator. There are also DC inputs available for contrast control and drive control. All DC control inputs operate over a 0V to 4V input range and feature high impedance inputs. The MSK 620(B) is packaged in a space efficient hermetically sealed 18 pin dip package.

FEATURES:
• 230 MHz Video Bandwidth With Vout=4Vpp
• Transition Times Less Than 2.0nS With Vout=4Vpp
• 0 To 4 Volt High Input Impedance DC Drive Control With –3dB Range
• 0 To 4 Volt High Input Impedance DC Contrast Control With 40dB Range
• Externally Gated Comparator for Brightness Control
• Simple To Parallel For RGB Color Tracking
• 0.5V to 9.0V Output Voltage Swing Capability
• On Board Accurate Reference Voltage Generator
• Available Fully Qualified to MIL-PRF-38534

TYPICAL APPLICATIONS
• Wideband Amplifier With Gain and DC Offset Control
• High Resolution CRT Monitor
• Ultra High Performance Video Processing




Similar Part No. - MSK620

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK6000HRH ANAREN-MSK6000HRH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
MSK6000KRH ANAREN-MSK6000KRH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
More results


Similar Description - MSK620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1201 NSC-LM1201 Datasheet
374Kb / 16P
Video Amplifier System
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
AN608P PANASONIC-AN608P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC in-phase amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
Wide Bandwidth Video Switch
logo
M.S. Kennedy Corporatio...
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
Wide Bandwidth 4x1 VIDEO MULTIPLEXER
MPC104 TI1-MPC104 Datasheet
178Kb / 16P
Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com