Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK620 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSK620
Description  WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK620 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSK620 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSK620 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RLOAD=∞
VIN=N/C
Comparator Off
Comparator On
Clamp Cap Voltage = 0V
Clamp Cap Voltage = 6V
VCONTRAST=0.5V
fIN=12KHz
VDRIVE=0V to 4V
V0=4VPP
V0=4VPP
V0=4VPP
IL=0mA Ext
VCC=11V to 13V
IL=0 to 10mA
-55°C≤Tc≤125°C
STATIC
Power Supply Current
Video Input Bias Voltage
Clamp Gate High Input Voltage
Clamp Gate Low Input Voltage
DYNAMIC CHARACTERISTICS
Video Amplifier Gain
Video Output Low Voltage
Video Output High Voltage
Attenuation
Video Amplifier Input Resistance
Gain Range
-3dB Video Amplifier Bandwidth
Output Rise Time
Output Fall Time
VOLTAGE REFERENCE
Output Voltage
Line Regulation
Load Regulation
Output Voltage Change w/Temp.
+13.5V
19.0°C/W
Vcc≥Vin≥GND
28.0mA
20mA
1
2
3
4
5
6
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
150°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK620
MSK620B
Junction Temperature
Supply Voltage
Thermal Resistance
(Junction to Case)
Voltage At Any Input Pin
Video Output Current
Reference Output Current
+VCC
θJC
VIN
IOUT
IOUTREF
RIN=30Ω, CIN=10µF, RL=499Ω, unless otherwise specified. Clamp Gate Input=0V, VCONTRAST=VDRIVE=VBRIGHTNESS=4V.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
NOTES:
Typ.
60
2.65
-
-
20
0.2
10
-23
20
6
230
1.5
1.5
5.00
0.006
0.005
0.18
Min.
-
2.0
2.0
-
16
-
9.0
-
-
5
200
-
-
4.95
-
-
-
Max.
68
2.9
-
0.8
24
0.65
-
-
-
-
-
2.0
2.0
5.05
0.01
0.01
0.45
Min.
-
2.0
1.8
-
16
-
9.0
-
-
5
190
-
-
4.9
-
-
-
Max.
72
2.9
-
1.0
24
0.65
-
-
-
-
-
3.0
3.0
5.1
0.01
0.01
0.45
MSK 620B
MSK 620
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
+Vcc=+12.0V Unless Otherwise Specified
1
mA
V
V
V
V/V
V
V
dB
KΩ
dB
MHz
nS
nS
V
%/V
%/mA
%
Units
2
5
5
2
5
5
Typ.
60
2.65
-
-
20
0.2
10
-23
20
6
200
2.0
2.0
5.0
0.006
0.005
0.18
2
2
2
5
5
5
Group A
Subgroup
1,2,3
1,2,3
1,2,3
1,2,3
4
4
4
-
-
4
4
4
4
1
-
-
-
Rev. A 8/00
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com