Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK643 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK643
Description  WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK643 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK643 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Negative Output Voltage for Grid Drive
2.5nS Transition Times
Drives 8.5pF Capacitive Load With Ease
DC Coupled for Output Level Adjust
175MHz Bandwidth
70Vpp Output Swing
Replacement for CR3424R
MIL-PRF-38534 CERTIFIED
643
WIDE BANDWIDTH,
VERY HIGH VOLTAGE
CRT VIDEO AMPLIFIER
CRT Driver for Color and
Monochrome Monitors
High Voltage Transimpedance Amplifier
Ultra High Speed Amplifier for
Test Equipment
TYPICAL APPLICATIONS
-Vee
Ground
Ground
Output
1
2
3
4
5
Inverting Input
Ground
Ground
-Vee
-Vee
6
7
8
9
PIN-OUT INFORMATION
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 643(B) is a wide bandwidth, high voltage color or monochrome CRT video amplifier designed specifically
to drive the grid of today's most demanding high resolution CRT monitors. The MSK 643(B) is a transimpedance
amplifier capable of achieving a ±35V output voltage swing with an input current of ±10mA. The output of the
amplifier is DC biased at half the power supply voltage. Transition times in the range of 2.5nS enable the MSK 643
to drive 10nS pixels with ease and make it ideally suited for monitors with 1280 x 1024 or higher display resolutions.
The MSK 643 is mounted in a space efficient 9 pin single in-line bathtub package with two mounting tabs for direct
mounting to a heat sink or chassis.
ISO 9001 CERTIFIED BY DSCC
Rev. D 10/05
1


Similar Part No. - MSK643

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK640B MSK-MSK640B Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK641B MSK-MSK641B Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
More results

Similar Description - MSK643

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN607P PANASONIC-AN607P Datasheet
31Kb / 2P
Wide bandwidth video amplifier IC inverting amplifier
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
M.S. Kennedy Corporatio...
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com