Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK643 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK643
Description  WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK643 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK643 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK643 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
COMPLETE VIDEO SYSTEM
Figure 3 above illustrates how an MSK 620 and MSK 643 can be used to build a compete video system for high voltage grid
drive. RA and RB act as a level shift stage to match the +3.9Vdc level at the output of the MSK 620 with the -1.55Vdc level at
the input of the MSK 643. The output of the MSK 643 is sampled and fed back to the MSK 620. This scheme provides black level
control superior to sampling the signal at pin 14 of the MSK 620. The general rule of thumb for transition times for a video driver
is that rising and falling edges should be no more than one third the pixel time of the monitor. To improve rise and fall time in the
system, the peaking capacitor Cp was added across the input resistor of the MSK 643. At high frequencies Cp increases the gain
of the amplifier there by causing peaking. Cp should be a variable capacitor so that the response of the amplifier can be fine tuned
for minimum transition time with minimum overshoot.
Rev. D 10/05
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com