Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK604 Datasheet (PDF) - M.S. Kennedy Corporation

MSK604 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK604
Download  MSK604 Download
File Size   148.54 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER

MSK604 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK604 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK604
Download  MSK604 Click to download

File Size   148.54 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER

MSK604 Datasheet (HTML) - M.S. Kennedy Corporation


MSK604 Product details

DESCRIPTION:
The MSK 604(B) is a high voltage wideband amplifier designed to provide large negative voltage swings at high slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 604 provides excellent D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 604 achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier; however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater keeps the MSK 604 stable in this range.

FEATURES:
• Negative Going Output Voltage
• Ultra Low Quiescent Current - ±10mA for High Voltage
• 95V Peak to Peak Output Voltage Swing
• Slew Rate - 3000V/µS Typical
• Full Power Output Frequency - 2 MHz Typical
• Output Current - 250mA Peak
• Adjustable - VHV Power Supply Minimizes Power Dissipation
• Compact Package Offers Superior Power Dissipation.

TYPICAL APPLICATIONS
• Wideband High Voltage Amplifier
• High Resolution CRT Monitor Grid Drive
• Ultra High Performance Video Processing
• CRT Beam Intensity Control
• Varactor Tuned VCO Driver
• Automatic Test Equipment




Similar Part No. - MSK604

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK604 MSK-MSK604_15 Datasheet
323Kb / 4P
Negative Going Output Voltage
More results


Similar Description - MSK604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com