Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK604 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK604
Description  NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK604 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK604 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
Transition time optimization of the MSK 604 follows the same
basic rules as most any other amplifier. Best transition times
will be realized with minumum load capacitance, minimum ex-
ternal feedback resistance and lowest circuit gain. Transition
times will degrade if the output is driven too close to either
supply rail. Feedback and input resistor values will affect tran-
sition time as well. See Figure 1 and Table 1 for recommended
component values.
Figure 1
CURRENT LIMIT
Figure 2 is the recommended active short circuit protection
scheme for the MSK 604. The following formula may be used
for setting current limit:
Current Limit ≈ 0.6V / Rsc
RBASE must be selected based on the value of ±VHV as fol-
lows:
RBASE = ((+VHV - (-VHV)) - 1.2V) / 4mA
This formula guarantees that Q2 and Q4 will always have suf-
ficient base current to be in operation. This circuit can be made
tolerant of high frequency output current spikes with the addi-
tion of CSC. The corresponding time constant would be:
T = (RSC) (CSC)
A common value for CSC is approximately 1000pF. If current
limit is unnecessary, short pin 7 to pin 8 and pin 11 to pin 12 as
shown in Figure 1.
1KΩ
Ω
Ω
Ω
Ω
499Ω
Ω
Ω
Ω
Ω
402Ω
Ω
Ω
Ω
Ω
-RIN
-10V/V
-20V/V
-50V/V
CF
0.5-5pF
N/A
N/A
10KΩ
Ω
Ω
Ω
Ω
10KΩ
Ω
Ω
Ω
Ω
20KΩ
Ω
Ω
Ω
Ω
VOLTAGE
GAIN
RF
Table 1
Figure 2
INTERNAL COMPENSATION
Since the MSK 604 is a high voltage amplifier, it is com-
monly used in circuits employing large gains. Therefore, the
internal compensation was chosen for gains of -5V/V or greater.
In circuits running at gains of less than -5V/V, the user can
further compensate the device by adding compensation net-
works at the input or feedback node. Pin 1 (comp) should be
bypassed with a 0.1uF ceramic capacitor to +VHV for all appli-
cations.
HIGH VOLTAGE SUPPLIES
The negative high voltage supply on the MSK 604 can be
adjusted to reduce power dissipation. The output of the MSK
604 will typically swing to within 5V of the -VHV power supply
rail. Therefore, if the system in question only needs the output
of the amplifier to swing -40V peak, the power supply rails
could be set to -50V safely. For best performance, the mini-
mum value of -VHV should be -50VDC. The high voltage and
low voltage power supplies should be decoupled as shown in
Figure 1. The +VHV supply can range from ground to +20VDC
depending on application requirements.
TRANSITION TIMES
FEED FORWARD TOPOLOGY
The MSK 604 employs a circuit topology known as "feed
forward". This inverting configuration allows the user to real-
ize the excellent D.C. input characteristics of a differential am-
plifier without losing system bandwidth. The incoming signal
is split at the input into it's A.C. and D.C. components. The
D.C. component is allowed to run through the differential am-
plifier where any common mode noise is rejected. The A.C.
component is "fed forward" to the output section through a
very high speed linear amplifier where it is mixed back together
with the D.C. component. The result is an amplifier with most
of the benefits of a differential amplifier without the loss in
system bandwidth.
Rev. B 8/00
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com