Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK604 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK604
Description  NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK604 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK604 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STATIC
Input Offset Voltage Drift
Power Supply Range
DYNAMIC CHARACTERISTICS
Output Voltage Swing
Peak Output Current
Full Power Output
Unity Gain Bandwidth
Slew Rate
Voltage Gain
Settling Time to 1%
Settling Time to 0.1%
VIN=0 @ +VCC
VIN=0 @ -VCC
VIN=0
±VCC
+VHV
-VHV
f=1KHz
f=1KHz
VO=70V
VO=1.0V
VO=80V
f=1KHz
AV=-10V/V VO=50V
AV=-10V/V VO=50V
+20,-120VDC
±VCC
±18VDC
18°C/W
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
150°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK604
MSK604B
Junction Temperature
Supply Voltage
Input Voltage Range
Supply Voltage (Input Stage)
Thermal Resistance
(Output Devices)
±VHV
±VIN
±VCC
θJC
1
2
3
4
5
NOTES:
Unless otherwise specified, ±VCC=±15VDC, +VHV=+15VDC, -VHV=-100V CL=8pF (probe capacitance) and AV=-10V/V.
This parameter is guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Max.
2.5
30
20
-
20
-
±10
-
500
-
-
±18
+20
-120
-
-
-
-
-
-
-
-
Max.
2.0
25
15
17
15
17
±5.0
±10.0
250
350
±50
±18
+20
-120
-
-
-
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
-
-
±12
0
-50
-90/+5
±100
1
50
2000
90
-
-
Typ.
1.8
20
10
-
10
-
±1.0
±2.0
50
100
±10
±15
+15
-100
-95/8
±250
2
100
3000
100
200
1000
MSK 604B
MSK 604
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
mA
mA
mA
mA
mA
mA
mV
mV
nA
nA
µV/°C
V
V
V
V
mA
MHz
MHz
V/µS
dB
nS
nS
Units
4
3
Min.
-
-
-
-
-
-
-
-
-
-
-
±12
0
-50
-90/+5
±100
1
50
2000
94
-
-
Typ.
1.5
15
10
14
10
14
±1.0
±2.0
50
100
±10
±15
+15
-100
-95/8
±250
2
100
3000
100
200
1000
VIN=0
2
2
2
2
2
2
2
VIN=0 @ +VHV
VIN=0 @ -VHV
Input Offset Voltage
Quiescent Current
Input Bias Current
Group A
Subgroup
1,2,3
1,2,3
1
2,3
1
2,3
1
2,3
1
2,3
2,3
-
-
-
4
-
-
-
4
-
-
-
Rev. B 8/00
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com