Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK604 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK604
Description  NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK604 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK604 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK604 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M.S.KENNEDY CORP.
(315) 701-6751
604
+VHV
+VSC
OUTPUT
CASE/GROUND
-VSC
-VHV
1
2
3
4
5
6
12
11
10
9
8
7
COMP
+VCC
GROUND
-VCC
-INPUT
NO CONNECTION
Wideband High Voltage Amplifier
High Resolution CRT Monitor Grid Drive
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
The MSK 604(B) is a high voltage wideband amplifier designed to provide large negative voltage swings at high
slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 604 provides excellent
D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers
that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The
MSK 604 achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier;
however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains
of -5V/V or greater keeps the MSK 604 stable in this range. The MSK 604 is packaged in a space efficient,
hermetically sealed, 12 pin power dual in line package that has a high thermal conductivity for efficient device cooling.
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
4707 Dey Road Liverpool, N.Y. 13088
FEATURES:
Negative Going Output Voltage
Ultra Low Quiescent Current - ±10mA for High Voltage
95V Peak to Peak Output Voltage Swing
Slew Rate - 3000V/µS Typical
Full Power Output Frequency - 2 MHz Typical
Output Current - 250mA Peak
Adjustable - VHV Power Supply Minimizes Power Dissipation
Compact Package Offers Superior Power Dissipation.
NEGATIVE OUTPUT
WIDE BANDWIDTH
HIGH VOLTAGE AMPLIFIER
Rev. B 8/00
1


Similar Part No. - MSK604

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK604 MSK-MSK604_15 Datasheet
323Kb / 4P
Negative Going Output Voltage
More results

Similar Description - MSK604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK610 MSK-MSK610 Datasheet
196Kb / 6P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com