Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVC162834FD Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162834FD
Description  18-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162834FD Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74ALVC162834FD Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8475
04/25/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ALVC162834FD
18-Bit Universal Bus Driver with 3-State Outputs
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ± 10%)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device typ e.
2. Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3. For I/O ports, the IOZ includes the input leakage current.
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
CV C
C )
1
(
.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
ti
n
U
V H
O
I H
O
0
0
1
–
=
µA.
x
a
M
o
t
..
n
i
MV C
C
2
.
0
-
V
I H
O
A
m
4
–
=V H
I
V
7
.
1
=V
3
.
29
.
1
I H
O
A
m
6
–
=
V H
I
V
7
.
1
=V
3
.
27
.
1
V H
I
V
0
.
2
=V
0
.
34
.
2
I H
O
A
m
8
–
=V H
I
V
0
.
2
=V
7
.
20
.
2
I H
O
A
m
2
1
–
=V H
I
V
0
.
2
=V
0
.
30
.
2
V L
O
I H
O
0
0
1
=
µA.
x
a
M
o
t
..
n
i
M2
.
0
I H
O
A
m
4
=V L
I
V
7
.
0
=V
3
.
24
.
0
I H
O
A
m
6
=
V L
I
V
7
.
0
=V
3
.
25
5
.
0
V L
I
V
8
.
0
=V
0
.
35
5
.
0
I H
O
A
m
8
=V L
I
V
8
.
0
=V
7
.
26
.
0
I H
O
A
m
2
1
=V L
I
V
8
.
0
=V
0
.
38
.
0
II
VI V
=
C
C
D
N
G
r
oV
6
.
35
±
Α
µ
I Z
O
VO V
=
C
C
D
N
G
r
oV
6
.
35
±
I C
C
VI V
=
C
C
D
N
G
r
oV
6
.
30
4
∆I C
C
,
V
6
.
0
-
C
C
V
t
a
t
u
p
n
i
e
n
O
D
N
G
r
o
C
C
V
a
st
u
p
n
i
r
e
h
t
O
V
6
.
3
o
t
V
30
5
7
CI
st
u
p
n
I
sl
o
rt
n
o
CVI V
=
C
C
D
N
G
r
oV
3
.
30
.
4
F
p
t
u
p
n
I
a
t
a
DVO V
=
C
C
D
N
G
r
oV
3
.
35
.
5
CO
st
u
p
t
u
OVO V
=
C
C
D
N
G
r
oV
3
.
30
.
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com