Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVC162834FD Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162834FD
Description  18-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162834FD Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74ALVC162834FD Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162834FD Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI74ALVC162834FD
18-Bit Universal Bus Driver with 3-State Outputs
5
PS8475
04/25/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
P
m
o
r
F
)t
u
p
n
I
(
o
T
)t
u
p
t
u
O
(
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
7
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f X
A
M
0
5
10
5
10
5
1z
H
M
t D
P
AY
1
2
.
55
1
2
.
4
s
n
t D
P
E
LY
3
.
10
.
68
.
63
.
18
.
5
t D
P
K
L
CY4
.
18
.
61
.
64
.
15
.
3
t N
E
E
OY
4
.
13
.
65
.
65
.
19
.
5
t S
I
D
E
OY
1
4
.
42
.
58
.
10
.
5
Switching Characteristics Over Operating Range(1)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Notes:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
Operating Characteristics, TA = 25°C
s
r
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
it
i
d
n
o
C
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
l
a
c
i
p
y
Tl
a
c
i
p
y
T
C D
P
n
o
it
a
p
i
s
si
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
d
el
b
a
n
E
st
u
p
t
u
O
CL
,
F
p
0
=
z
H
M
0
1
=
F
8
31
4
F
p
d
el
b
a
si
D
st
u
p
t
u
O3
15
1
Timing Requirements over Operating Range
Note:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
D
D
F
4
3
8
2
6
1
C
V
L
A
s
ti
n
U
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
7
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f
K
C
O
L
C
y
c
n
e
u
q
e
rf
k
c
o
l
C0
0
5
10
0
5
10
0
5
1z
H
M
tW
n
o
it
a
r
u
D
e
sl
u
P
W
O
L
E
L3
.
33
.
33
.
3
s
n
W
O
L
r
o
H
G
I
H
K
L
C3
.
33
.
33
.
3
t U
S
e
m
it
p
u
t
e
S
K
L
C
e
r
o
f
e
b
a
t
a
D
↑
1
.
21
.
21
E
L
e
r
o
f
e
b
a
t
a
D
↑
H
G
I
H
K
L
C
,3
.
23
.
29
.
1
E
L
e
r
o
f
e
b
a
t
a
D
↑
W
O
L
K
L
C
,9
.
19
.
15
.
1
tH
e
m
it
d
l
o
H
K
L
C
r
e
tf
a
a
t
a
D
↑
6
.
06
.
06
.
0
E
L
r
e
tf
a
a
t
a
D
↑
W
O
L
r
o
H
G
I
H
K
L
C
,8
.
08
9
.
0
∆ /t∆v )
1
(
ll
a
F
r
o
e
si
R
n
o
it
i
s
n
a
r
T
t
u
p
n
I0
0
10
0
10
0
1V
/
s
n



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com