Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C652B Datasheet HTML 9Page - NXP Semiconductors SC16C652B Datasheet HTML 10Page - NXP Semiconductors SC16C652B Datasheet HTML 11Page - NXP Semiconductors SC16C652B Datasheet HTML 12Page - NXP Semiconductors SC16C652B Datasheet HTML 13Page - NXP Semiconductors SC16C652B Datasheet HTML 14Page - NXP Semiconductors SC16C652B Datasheet HTML 15Page - NXP Semiconductors SC16C652B Datasheet HTML 16Page - NXP Semiconductors SC16C652B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
13 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.9 DMA operation
The SC16C652B FIFO trigger level provides additional flexibility to the user for block
mode operation. The user can optionally operate the transmit and receive FIFOs in
the DMA mode (FCR[3]). The DMA mode affects the state of the RXRDY and TXRDY
output pins. Tables 7 and 8 show this.
6.10 Loop-back mode
The internal loop-back capability allows on-board diagnostics. In the loop-back mode,
the normal modem interface pins are disconnected and reconfigured for loop-back
internally (see Figure 5). MCR[0:3] register bits are used for controlling loop-back
diagnostic testing. In the loop-back mode, the transmitter output (TX) and the receiver
input (RX) are disconnected from their associated interface pins, and instead are
connected together internally. The CTS, DSR, CD, and RI are disconnected from
Table 6:
Baud rate generator programming table using a 1.8432 MHz clock
Output
baud rate
Output
16
× clock divisor
(decimal)
Output
16
× clock divisor
(HEX)
DLM
program value
(HEX)
DLL
program value
(HEX)
50
2304
900
09
00
75
1536
600
06
00
110
1047
417
04
17
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1200
96
60
00
60
2400
48
30
00
30
3600
32
20
00
20
4800
24
18
00
18
7200
16
10
00
10
9600
12
0C
00
0C
19.2 k
6
06
00
06
38.4 k
3
03
00
03
57.6 k
2
02
00
02
115.2 k
1
01
00
01
Table 7:
Effect of DMA mode on state of RXRDY pin
Non-DMA mode
DMA mode
1 = FIFO empty
0-to-1 transition when FIFO empties
0 = at least 1 byte in FIFO
1-to-0 transition when FIFO reaches trigger level,
or time-out occurs
Table 8:
Effect of DMA mode on state of TXRDY pin
Non-DMA mode
DMA mode
1 = at least 1 byte in FIFO
0-to-1 transition when FIFO becomes full
0 = FIFO empty
1-to-0 transition when FIFO goes below trigger level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com