Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C652B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC16C652B
Description  5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652B Datasheet(HTML) 2 Page - NXP Semiconductors

  SC16C652B Datasheet HTML 1Page - NXP Semiconductors SC16C652B Datasheet HTML 2Page - NXP Semiconductors SC16C652B Datasheet HTML 3Page - NXP Semiconductors SC16C652B Datasheet HTML 4Page - NXP Semiconductors SC16C652B Datasheet HTML 5Page - NXP Semiconductors SC16C652B Datasheet HTML 6Page - NXP Semiconductors SC16C652B Datasheet HTML 7Page - NXP Semiconductors SC16C652B Datasheet HTML 8Page - NXP Semiconductors SC16C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Philips Semiconductors
SC16C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
2 of 44
9397 750 14452
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
s Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun
Break)
s Transmit, Receive, Line Status, and Data Set interrupts independently controlled
s Fully programmable character formatting:
x 5, 6, 7, or 8-bit characters
x Even, Odd, or No-Parity formats
x 1, 11
⁄2, or 2-stop bit
x Baud generation (DC to 5 Mbit/s)
s False start-bit detection
s Complete status reporting capabilities
s 3-State output TTL drive capabilities for bi-directional data bus and control bus
s Line Break generation and detection
s Internal diagnostic capabilities:
x Loop-back controls for communications link fault isolation
s Prioritized interrupt system controls
s Modem control functions (CTS, RTS, DSR, DTR, RI, CD).
3.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
SC16C652BIB48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2
SC16C652BIBS
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com