Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0318A Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # TA0318A
Description  SAW Filter 1842.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA0318A Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  TA0318A Datasheet HTML 1Page - Golledge Electronics Ltd TA0318A Datasheet HTML 2Page - Golledge Electronics Ltd TA0318A Datasheet HTML 3Page - Golledge Electronics Ltd TA0318A Datasheet HTML 4Page - Golledge Electronics Ltd TA0318A Datasheet HTML 5Page - Golledge Electronics Ltd TA0318A Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1842.50MHz
Model: TA0318A
Part No: MA05900
Rev No: 1
TA0318A v1
3
E. FREQUENCY CHARACTERISTICS:
1. Transfer function (25°C)
2. (wideband)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1542.5 1602.5 1662.5 1722.5 1782.5 1842.5 1902.5 1962.5 2022.5 2082.5 2142.5
Freq.(MHz)
-70
-60
-50
-40
-30
-20
-10
0
0
600
1200
1800
2400
3000
3600
4200
4800
5400
6000
Freq.(MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com