Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA0318A Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA0318A
Description  SAW Filter 1842.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA0318A Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA0318A Datasheet HTML 1Page - Golledge Electronics Ltd TA0318A Datasheet HTML 2Page - Golledge Electronics Ltd TA0318A Datasheet HTML 3Page - Golledge Electronics Ltd TA0318A Datasheet HTML 4Page - Golledge Electronics Ltd TA0318A Datasheet HTML 5Page - Golledge Electronics Ltd TA0318A Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1842.50MHz
Model: TA0318A
Part No: MA05900
Rev No: 1
TA0318A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -20°C ~ +75°C
2. Storage Temperature: -40°C ~ +85°C
B. ELECTRICAL CHARACTERISTICS:
Singled to Balanced operation
Terminating source impedance: ZS = 50
Terminating load impedance: ZL = 150
// 22nH
Value
Item
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
1842.5
-
-
Insertion loss (1805 ~ 1880 MHz) IL (dB)
-
3.0
4.0
-
Ripple (1805 ~ 1880MHz) (dB)
-
0.8
2.1
-
Input VSWR (1805 ~ 1880MHz)
-
1.9
2.7
-
Output VSWR (1805 ~ 1880MHz)
-
2.2
2.7
-
Attenuation: (Reference level from 0dB)
0 ~ 1200MHz (dB)
40
49
-
-
1200 ~ 1705MHz (dB)
30
34
-
-
1705 ~ 1785MHz (dB)
9
14
-
-
1920 ~ 1980MHz (dB)
10
22
-
-
1980 ~ 2200MHz (dB)
20
23.5
-
-
2200 ~ 3000MHz (dB)
30
36
-
-
3000 ~ 5000MHz (dB)
40
50
-
-
5000 ~ 6000MHz (dB)
35
43
-
-
Symmetry in band (referenced to the matched operating condition)
Output amplitude balance (|S31/S21|)
(1805 ~ 1880MHz) (dB)
-2
0
2
-
Output phase balance (
Φ (S
31) -
Φ (S
21)+180
°)
(1805 ~ 1880MHz) degree
-12
0
12
-


Similar Part No. - TA0318A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0318A TAI-SAW-TA0318A Datasheet
397Kb / 7P
SAW Filter 1842.5 MHz for Mobile Communication
More results

Similar Description - TA0318A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA05899 GOLLEDGE-MA05899 Datasheet
76Kb / 6P
SAW Filter 1842.50MHz
MA07614 GOLLEDGE-MA07614 Datasheet
73Kb / 6P
1842.50MHz SAW Filter
MP02452 GOLLEDGE-MP02452 Datasheet
206Kb / 6P
SAW Filter 1842.50MHz
MP07831 GOLLEDGE-MP07831 Datasheet
301Kb / 8P
SAW Filter 1842.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com