Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4069L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TC4069L-S14-R
Description  INVERTER CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TC4069L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TC4069L-S14-R Datasheet HTML 1Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 2Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 3Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 4Page - Unisonic Technologies TC4069L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TC4069
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 5
www.unisonic.com.tw
QW-R502-635.B
AC ELECT RI CAL CH ARACT ERI ST I CS (N ot e 1 )
(TA=25°C, CL=50pF, RL=200k
Ω, tr and tf ≤ 20 ns, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V
55
110
VDD=10V
30
60
Propagation Delay Time from Input
to Output
tPHL or tPLH
VDD=15V
25
50
ns
VDD=5V
70
200
VDD=10V
35
100
Transition Time
tTHL or tTLH
VDD=15V
30
80
ns
Average Input Capacitance
CIN
Any Gate
7.5
15
pF
Notes: 1. AC Parameters are guaranteed by DC correlated testing.
2. IOH and IOL are tested one output at a time.
3. CPD determines the no load AC power consumption of any CMOS device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com